Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APX9268A Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APX9268A
Description  Single-Phase Full-Wave Motor Driver for Silent Fan Motor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APX9268A Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APX9268A Datasheet HTML 1Page - Anpec Electronics Coropration APX9268A Datasheet HTML 2Page - Anpec Electronics Coropration APX9268A Datasheet HTML 3Page - Anpec Electronics Coropration APX9268A Datasheet HTML 4Page - Anpec Electronics Coropration APX9268A Datasheet HTML 5Page - Anpec Electronics Coropration APX9268A Datasheet HTML 6Page - Anpec Electronics Coropration APX9268A Datasheet HTML 7Page - Anpec Electronics Coropration APX9268A Datasheet HTML 8Page - Anpec Electronics Coropration APX9268A Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Nov., 2016
www.anpec.com.tw
3
APX9268A
APX9268A
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
OUTPUT DRIVERS
VO
Output Driver Saturation Voltage
IOUT = 250mA, Upper and Lower
total
-
0.3
0.44
V
VFG
FG Pin Low Voltage
IFG = 5mA
-
0.1
0.2
V
IFGL
FG Pin Leakage Current
VFG = 5V
-
0.1
1
μA
GIO
Input - Output Gain
VOUT/VIN+-VIN-
44
45
46
dB
HALL SENSITIVITY
VHOFS
Hall Input Offset Voltage
-
-
±6
mV
VHYS
Input Hysteresis Voltage
±5
±10
±15
mV
THERMAL SHUTDOWN
OTS
Over Temperature S hutdown
Threshold
-
165
-
oC
Over Temperature S hutdown
Hysteresis
-
30
-
oC
Electrical Characteristics (Cont.) (V
CC=5V, TA=25°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com