Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APX9268A Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APX9268A
Description  Single-Phase Full-Wave Motor Driver for Silent Fan Motor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APX9268A Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APX9268A Datasheet HTML 1Page - Anpec Electronics Coropration APX9268A Datasheet HTML 2Page - Anpec Electronics Coropration APX9268A Datasheet HTML 3Page - Anpec Electronics Coropration APX9268A Datasheet HTML 4Page - Anpec Electronics Coropration APX9268A Datasheet HTML 5Page - Anpec Electronics Coropration APX9268A Datasheet HTML 6Page - Anpec Electronics Coropration APX9268A Datasheet HTML 7Page - Anpec Electronics Coropration APX9268A Datasheet HTML 8Page - Anpec Electronics Coropration APX9268A Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Nov., 2016
www.anpec.com.tw
4
APX9268A
Typical Operating Characteristics
FG Pin Low Voltage vs. Sink Current
FG Pin Sink Current (mA)
V
DD = 2V
V
DD = 5V
0
1
2
3
4
5
6
7
8
9
10
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
VCC Supply Voltage (V)
HB Voltage vs. VCC Supply Voltage
I
HB = 5mA
0
1
2
3
4
5
6
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
Maximum Power Dissipation vs.
Ambient Temperature
Ambient Temperature (oC)
0
25
50
75
100
125
150
0
100
200
300
400
500
600
700
Output Saturation Voltage vs.
Output Current
Output Current (mA)
Upper Side
Lower Side
V
CC = 5V
0
0.2
0.4
0.6
0.8
1
1.2
0
200
400
600
800
1000
VCC Supply Current vs. VCC
Supply Voltage
VCC Supply Voltage (V)
Operation Mode
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
0
1
2
3
4
5
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com