Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BY448 Datasheet(PDF) 1 Page - New Jersey Semi-Conductor Products, Inc.

Part # BY448
Description  Standard Avalanche Sinterglass Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.

BY448 Datasheet(HTML) 1 Page - New Jersey Semi-Conductor Products, Inc.

  BY448 Datasheet HTML 1Page - New Jersey Semi-Conductor Products, Inc. BY448 Datasheet HTML 2Page - New Jersey Semi-Conductor Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - BY448

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BY448 PHILIPS-BY448 Datasheet
52Kb / 7P
Damper diode
1996 Sep 26
logo
Vishay Siliconix
BY448 VISHAY-BY448 Datasheet
36Kb / 3P
Silicon Mesa Rectifiers
24-Jun-98
BY448 VISHAY-BY448 Datasheet
124Kb / 5P
Standard Avalanche Sinterglass Diode
14-Apr-05
logo
Gulf Semiconductor
BY448 GULFSEMI-BY448 Datasheet
83Kb / 2P
SINTERED GLASS JUNCTION AVALANCHE RECTIFIER VOLTAGE:1500V CURRENT: 2.0A
logo
Vishay Siliconix
BY448 VISHAY-BY448 Datasheet
113Kb / 4P
Standard Avalanche Sinterglass Diode
09-Aug-10
More results

Similar Description - BY448

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BY228 VISHAY-BY228_10 Datasheet
102Kb / 4P
Standard Avalanche Sinterglass Diode
09-Aug-10
BY527 VISHAY-BY527_10 Datasheet
120Kb / 4P
Standard Avalanche Sinterglass Diode
25-Aug-10
BYT51A VISHAY-BYT51A_10 Datasheet
113Kb / 4P
Standard Avalanche Sinterglass Diode
25-Aug-10
BYW82 VISHAY-BYW82_10 Datasheet
108Kb / 4P
Standard Avalanche Sinterglass Diode
25-Aug-10
S330D VISHAY-S330D_10 Datasheet
114Kb / 4P
Standard Avalanche Sinterglass Diode
25-Aug-10
logo
Shenzhen Luguang Electr...
BY228 LUGUANG-BY228 Datasheet
211Kb / 3P
Standard Avalanche Sinterglass Diode
logo
Vishay Siliconix
BY228TAP VISHAY-BY228TAP Datasheet
111Kb / 4P
Standard Avalanche Sinterglass Diode
12-Sep-12
1348380 VISHAY-1348380 Datasheet
120Kb / 4P
Standard Avalanche Sinterglass Diode
25-Aug-10
BY527 VISHAY-BY527_V01 Datasheet
139Kb / 4P
Standard Avalanche Sinterglass Diode
20-Feb-18
BYT62 VISHAY-BYT62_V01 Datasheet
155Kb / 5P
Standard Avalanche Sinterglass Diode
20-Feb-18
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com