Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW81100ATR Datasheet(PDF) 13 Page - STMicroelectronics

Part # STW81100ATR
Description  MULTI-BAND RF FREQUENCY SYNTHESIZER WITH INTEGRATED VCOS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW81100ATR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STW81100ATR Datasheet HTML 9Page - STMicroelectronics STW81100ATR Datasheet HTML 10Page - STMicroelectronics STW81100ATR Datasheet HTML 11Page - STMicroelectronics STW81100ATR Datasheet HTML 12Page - STMicroelectronics STW81100ATR Datasheet HTML 13Page - STMicroelectronics STW81100ATR Datasheet HTML 14Page - STMicroelectronics STW81100ATR Datasheet HTML 15Page - STMicroelectronics STW81100ATR Datasheet HTML 16Page - STMicroelectronics STW81100ATR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
13/23
STW81100
7.8 Voltage Controlled Oscillators
7.8.1 VCO Selection
Within STW81100 two low-noise VCOs are integrated to cover a wide band from 3280MHz to 4400MHz
(direct output), from 1640MHz to 2200MHz (selecting divider by 2) and from 820MHz to 1100MHz (select-
ing divider by 4).
VCO A frequency range 3280MHz-3900MHz
VCO B frequency range 3800MHz-4400MHz
7.8.2 VCO Frequency Calibration
Both VCOs can operate on 32 frequency ranges that are selected by adding or subtracting capacitors to
the resonator. These frequency ranges are intended to cover the wide band of operation and compensate
for process variation on the VCO center frequency.
An automatic selection of the range is performed when the bit SERCAL rises from “0” to “1”. The charge
pump is inhibited and the pins ICP & VCTRL are at VDD/2 volts.
Then the ranges are tested to select the one which with this VCO input voltage is the nearest to the desired
output frequency (Fout = N*Fref/R). When this selection is achieved the signal ENDCALB (which means
End of Calibration) falls to “0”, then the charge pump is enabled again and SERCAL should be reset to “0”
before the next channel step.
The PLL has just to perform fine adjustment around VDD/2 on the loop filter to reach Fout, which enables
a fast settle.
Figure 16. VCO Sub-Bands Frequency Characteristics
The SERCAL bit should be set to “1” at each division ratio change. It should be noted that in order to reset
the autocalibrator State Machine after a power-up, and anyway before the first calibration, the INITCAL bit
should be set to “1” and back to “0” (this operation is automatically performed by the Power On Reset cir-
cuitry). The calibration takes approximately 7 periods of the Comparison Frequency.
The maximum allowed fcomp to perform the calibration process is 1 MHz. Using an higher fcomp the follow-
ing procedure should be adopted:
1.
Calibrate the VCO at the desired frequency with an fcomp less than 1 MHz
2.
Set the A, B and R dividers ratio for the desired fcomp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com