Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW81100ATR Datasheet(PDF) 21 Page - STMicroelectronics

Part # STW81100ATR
Description  MULTI-BAND RF FREQUENCY SYNTHESIZER WITH INTEGRATED VCOS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW81100ATR Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STW81100ATR Datasheet HTML 15Page - STMicroelectronics STW81100ATR Datasheet HTML 16Page - STMicroelectronics STW81100ATR Datasheet HTML 17Page - STMicroelectronics STW81100ATR Datasheet HTML 18Page - STMicroelectronics STW81100ATR Datasheet HTML 19Page - STMicroelectronics STW81100ATR Datasheet HTML 20Page - STMicroelectronics STW81100ATR Datasheet HTML 21Page - STMicroelectronics STW81100ATR Datasheet HTML 22Page - STMicroelectronics STW81100ATR Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
21/23
STW81100
9
Package Information
Figure 24. VFQFPN28 Mechanical Data & Package Dimensions
OUTLINE AND
MECHANICAL DATA
REF.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
0.800
0.900
1.000
0.031
0.035
0.039
A1
0.020
0.050
0.0008 0.0019
A2
0.650
1.000
0.025
0.039
A3
0.200
0.0078
b
0.180
0.250
0.300
0.007 0.0098 0.012
D
4.850
5.000
5.150
0.191
0.197
0.203
D1
4.750
0.187
D2
1.250
2.700
3.250
0.049
0.106
0.128
E
4.850
5.000
5.150
0.191
0.197
0.203
E1
4.750
0.187
E2
1.250
2.700
3.250
0.049
0.106
0.128
e
0.500
0.020
L
0.350
0.550
0.750
0.014
0.022
0.029
P
0.60
0.0236
K
14˚
14˚
ddd
0.080
0.003
Notes: 1) VFQFPN stands for Thermally Enhanced Very thin Fine
pitch Quad Packages No lead.
Very thin: A = 1.00 Max.
2) The pin #1 identifier must be existed on the top surface
of the package by using indentation mark or other fea-
ture of package body.
Exact shape and size of this feature is optional.
VFQFPN-28 (5x5x1.0mm)
Very Fine Quad Flat Package No lead
7655832 A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com