Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW81100ATR Datasheet(PDF) 20 Page - STMicroelectronics

Part # STW81100ATR
Description  MULTI-BAND RF FREQUENCY SYNTHESIZER WITH INTEGRATED VCOS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW81100ATR Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STW81100ATR Datasheet HTML 15Page - STMicroelectronics STW81100ATR Datasheet HTML 16Page - STMicroelectronics STW81100ATR Datasheet HTML 17Page - STMicroelectronics STW81100ATR Datasheet HTML 18Page - STMicroelectronics STW81100ATR Datasheet HTML 19Page - STMicroelectronics STW81100ATR Datasheet HTML 20Page - STMicroelectronics STW81100ATR Datasheet HTML 21Page - STMicroelectronics STW81100ATR Datasheet HTML 22Page - STMicroelectronics STW81100ATR Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
STW81100
20/23
Table 24. READ-ONLY REGISTER
This register is automatically addressed in the ‘current byte address read mode’.
ILLEGAL_SUBADD: gives “1” if the sub-address value is not correct
ENDCALB: at “0” means end of auto-calibration phase
LOCK_DET: “1” when PLL is locked
INTCAL[4:0]: internal value of the VCO control word
Figure 23. Application Diagram
b7
b6
b5
b4
b3
b2
b1
b0
ILLEG
AL_SUBAD0
END CALB
LOCK_DET
INT CAL4
INT CAL3
INT CAL2
INT CAL1
INT CAL0
EXT VCO
BUFF
EXT LO
VCTRL
ICP
REXT
REF_IN
LO_OUT
50
Ω
OUTBUFN
OUTBUFP
DIV4
BUF
DIV2
BUF
EXTVCO_INP
EXTVCO_INN
CHARGE
PUMP
BUF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com