Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLDM-12D1AX Datasheet(PDF) 21 Page - Bel Fuse Inc.

Part # SLDM-12D1AX
Description  Non-Isolated DC-DC Converter
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SLDM-12D1AX Datasheet(HTML) 21 Page - Bel Fuse Inc.

Back Button SLDM-12D1AX Datasheet HTML 17Page - Bel Fuse Inc. SLDM-12D1AX Datasheet HTML 18Page - Bel Fuse Inc. SLDM-12D1AX Datasheet HTML 19Page - Bel Fuse Inc. SLDM-12D1AX Datasheet HTML 20Page - Bel Fuse Inc. SLDM-12D1AX Datasheet HTML 21Page - Bel Fuse Inc. SLDM-12D1AX Datasheet HTML 22Page - Bel Fuse Inc. SLDM-12D1AX Datasheet HTML 23Page - Bel Fuse Inc. SLDM-12D1AX Datasheet HTML 24Page - Bel Fuse Inc. SLDM-12D1AX Datasheet HTML 25Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
SLDM-12D1Ax
21
Asia-Pacific
+86 755 298 85888
Europe, Middle East
+353 61 225 977
North America
+1 408 785 5200
© 2016 Bel Power Solutions & Protection
Rev. AC
30. DIGITAL TEMPERATURE STATUS VIA PMBUS
Please see the Digital Feature Descriptions section.
31. DIGITAL ADJUSTABLE OUTPUT OVER AND UNDER VOLTAGE PROTECTION
Please see the Digital Feature Descriptions section
32. INPUT UNDERVOLTAGE LOCKOUT
At input voltages below the input undervoltage lockout limit, the module operation is disabled. The module will begin to operate at an input voltage above
the undervoltage lockout turn-on threshold.
33. DIGITAL ADJUSTABLE INPUT UNDERVOLTAGE LOCKOUT
Please see the Digital Feature Descriptions section
34. DIGITAL ADJUSTABLE POWER GOOD THERSHOLDS
Please see the Digital Feature Descriptions section
35. SYNCHRONIZATION
The module switching frequency can be synchronized to a signal with an external frequency within a specified range. Synchronization can be done by using
the external signal applied to the SYNC pin of the module as shown in Fig. 45, with the converter being synchronized by the rising edge of the external signal.
The Electrical Specifications table specifies the requirements of the external SYNC signal. If the SYNC pin is not used, the module should free run at the
default switching frequency. If synchronization is not being used, connect the SYNC pin to GND.
Figure 45
External source connections to synchronize switching frequency of the module.
36. MEASURING OUTPUT CURRENT, OUTPUT VOLTAGE AND INPUT VOLTAGE
Please see the Digital Feature Descriptions section.
MODULE
SYNC
GND
+
?



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com