Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLDM-12D1AX Datasheet(PDF) 49 Page - Bel Fuse Inc.

Part # SLDM-12D1AX
Description  Non-Isolated DC-DC Converter
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SLDM-12D1AX Datasheet(HTML) 49 Page - Bel Fuse Inc.

Back Button SLDM-12D1AX Datasheet HTML 42Page - Bel Fuse Inc. SLDM-12D1AX Datasheet HTML 43Page - Bel Fuse Inc. SLDM-12D1AX Datasheet HTML 44Page - Bel Fuse Inc. SLDM-12D1AX Datasheet HTML 45Page - Bel Fuse Inc. SLDM-12D1AX Datasheet HTML 46Page - Bel Fuse Inc. SLDM-12D1AX Datasheet HTML 47Page - Bel Fuse Inc. SLDM-12D1AX Datasheet HTML 48Page - Bel Fuse Inc. SLDM-12D1AX Datasheet HTML 49Page - Bel Fuse Inc. SLDM-12D1AX Datasheet HTML 50Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 49 / 50 page
background image
SLDM-12D1Ax
49
Asia-Pacific
+86 755 298 85888
Europe, Middle East
+353 61 225 977
North America
+1 408 785 5200
© 2016 Bel Power Solutions & Protection
Rev. AC
SURFACE MOUNT INFORMATION(CONTINUED)
Storage and Handling
The recommended storage environment and handling procedures for moisture-sensitive surface mount packages is detailed in J-STD-
033 Rev. A (Handling, Packing, Shipping and Use of Moisture/Reflow Sensitive Surface Mount Devices). Moisture barrier bags (MBB)
with desiccant are required for MSL ratings of 2 or greater. These sealed packages should not be broken until time of use. Once the
original package is broken, the floor life of the product at conditions of  30°C and 60% relative humidity varies according to the MSL
rating (see J-STD-033A). The shelf life for dry packed SMT packages will be a minimum of 12 months from the bag seal date, when
stored at the following conditions: < 40° C, < 90% relative humidity.
Figure51
Recommended linear reflow profile using Sn/Ag/Cu solder.
Post Solder Cleaning and Drying Considerations
Post solder cleaning is usually the final circuit-board assembly process prior to electrical board testing. The result of inadequate cleaning
and drying can affect both the reliability of a power module and the testability of the finished circuit-board assembly. For guidance on
appropriate soldering, cleaning and drying procedures, refer to Board Mounted Power Modules: Soldering and Cleaning Application Note
(AN04-001).
Per J-STD-020 Rev. D
0
50
100
150
200
250
300
Reflow Time (Seconds)
Reflow Temp (°C)
Heating Zone
1°C/Second
Peak Temp 260°C
* Min. Time Above 235°C
15 Seconds
*Time Above 217°C
60 Seconds
Cooling
Zone



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com