Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLDM-12D1AX Datasheet(PDF) 13 Page - Bel Fuse Inc.

Part # SLDM-12D1AX
Description  Non-Isolated DC-DC Converter
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SLDM-12D1AX Datasheet(HTML) 13 Page - Bel Fuse Inc.

Back Button SLDM-12D1AX Datasheet HTML 9Page - Bel Fuse Inc. SLDM-12D1AX Datasheet HTML 10Page - Bel Fuse Inc. SLDM-12D1AX Datasheet HTML 11Page - Bel Fuse Inc. SLDM-12D1AX Datasheet HTML 12Page - Bel Fuse Inc. SLDM-12D1AX Datasheet HTML 13Page - Bel Fuse Inc. SLDM-12D1AX Datasheet HTML 14Page - Bel Fuse Inc. SLDM-12D1AX Datasheet HTML 15Page - Bel Fuse Inc. SLDM-12D1AX Datasheet HTML 16Page - Bel Fuse Inc. SLDM-12D1AX Datasheet HTML 17Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 50 page
background image
SLDM-12D1Ax
13
Asia-Pacific
+86 755 298 85888
Europe, Middle East
+353 61 225 977
North America
+1 408 785 5200
© 2016 Bel Power Solutions & Protection
Rev. AC
12. INPUT FILTERING
The SLDM-12D1Ax module should be connected to a low ac-impedance source. A highly inductive source can affect the stability of the module.
An input capacitance must be placed directly adjacent to the input pin of the module, to minimize input ripple voltage and ensure module stability.
To minimize input voltage ripple, ceramic capacitors are recommended at the input of the module. Figure 37 shows the input ripple voltage for
various output voltages at 12A of load current with 1x22 µF or 2x22 µF ceramic capacitors and an input of 12V.
Figure 37
.
Note: Input ripple voltage for various output voltages with 2x22 µF or 3x22 µF ceramic capacitors at the input (12A load). Input voltage
is 12V.
0
50
100
150
200
250
300
350
400
450
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
1x22uF
2x22 uF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com