Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7481WBBCZ Datasheet(PDF) 3 Page - Analog Devices

Part # ADV7481WBBCZ
Description  Integrated Video Decoder and Dual Mode HDMI/MHL Receiver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7481WBBCZ Datasheet(HTML) 3 Page - Analog Devices

  ADV7481WBBCZ Datasheet HTML 1Page - Analog Devices ADV7481WBBCZ Datasheet HTML 2Page - Analog Devices ADV7481WBBCZ Datasheet HTML 3Page - Analog Devices ADV7481WBBCZ Datasheet HTML 4Page - Analog Devices ADV7481WBBCZ Datasheet HTML 5Page - Analog Devices ADV7481WBBCZ Datasheet HTML 6Page - Analog Devices ADV7481WBBCZ Datasheet HTML 7Page - Analog Devices ADV7481WBBCZ Datasheet HTML 8Page - Analog Devices ADV7481WBBCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Data Sheet
ADV7481
GENERAL DESCRIPTION
The ADV7481 is an integrated video decoder and combined
HDMI®/MHL® receiver. It is targeted at connectivity enabled
head units requiring a wired, uncompressed digital audio/video
link from smartphones and other consumer electronics devices
to support streaming and integration of cloud-based
multimedia content and applications into an automotive
infotainment system.
The ADV7481 MHL 2.1 capable receiver supports a maximum
pixel clock frequency of 75 MHz, allowing resolutions up to
720p/1080i at 60 Hz in 24-bit mode. The ADV7481 features a
link control bus (CBUS) that handles the link layer, translation
layer, CBUS electrical discovery, and display data channel
(DDC) commands. The implementation of the MHL sideband
channel (MSC) commands by the system processor can be
handled either by the I2C bus, or via a dedicated serial
peripheral interface (SPI) bus. A dedicated interrupt pin
(INTRQ3) is available to indicate that events related to CBUS
have occurred.
The ADV7481 also features an enable pin (VBUS_EN) to
dynamically enable or disable the output of a voltage regulator,
which provides a 5 V voltage bus (VBUS) signal to the MHL
source.
The ADV7481 HDMI capable receiver supports a maximum
pixel clock frequency of 162 MHz, allowing HDTV formats up
to 1080p, and display resolutions up to UXGA (1600 × 1200 at
60 Hz). The device integrates a consumer electronics control
(CEC) controller that supports the capability discovery and
control (CDC) feature. The HDMI input port has dedicated 5 V
detect and Hot Plug™ assert pins.
The HDMI/MHL receiver includes an adaptive transition
minimized differential signaling (TMDS) equalizer that ensures
robust operation of the interface with long cables.
The ADV7481 single receiver port is capable of accepting both
HDMI and MHL electrical signals. Automatic detection
between HDMI and MHL is achieved by using cable impedance
detection through the CD_SENSE pin.
The ADV7481 contains a component processor (CP) that
processes the video signals from the HDMI/MHL receiver. It
provides features such as contrast, brightness, and saturation
adjustments, as well as free run and timing adjustment controls
for HS/VS/DE timing.
The ADV7481 analog front end (AFE) comprises a single high
speed, 10-bit analog-to-digital converter (ADC) that digitizes
the analog video signal before applying it to the SDP.
The eight analog video inputs can accept single-ended, pseudo
differential, and fully differential composite video signals, as
well as S-Video and YPbPr video signals, supporting a wide
range of consumer and automotive video sources.
Short to battery (STB) events can be detected on differential
input video signals. STB protection is provided by ac coupling
the input video signals. The ADV7481, in combination with an
external resistor divider, provides a common-mode input range
of 4 V, enabling the removal of large signal common-mode
transients present on the video lines.
The automatic gain control (AGC) and clamp restore circuitry
allow an input video signal up to 1.0 V p-p at the analog video
input pins of the ADV7481. Alternatively, the AGC and clamp
restore circuitry can be bypassed for manual settings.
The SDP of the ADV7481 is capable of decoding a large
selection of analog baseband video signals in composite,
S-Video, and component formats. The SDP supports world-
wide NTSC, PAL, and SECAM standards.
The ADV7481 features an 8-bit digital input/output port,
supporting input and output video resolutions up to 720p/1080i
in both the 8-bit interleaved 4:2:2 SDR and DDR modes.
To enable glueless interfacing of these video input sources to the
latest generation of infotainment system on chips (SoCs), the
ADV7481 features two MIPI® CSI-2 transmitters. The four-lane
transmitter provides four data lanes, two data lanes, and one
data lane muxing options, and can be used to output video from
the HDMI receiver, the MHL receiver, the SDP, and the digital
input port. The single-lane transmitter can be used to output
video from the SDP only.
The ADV7481 offers a flexible audio output port for audio data
extracted from the MHL or HDMI streams. The HDMI/MHL
receiver has advanced audio functionality, such as a mute
controller that prevents audible extraneous noise in the audio
output. Additionally, the ADV7481 can be set to output time
division multiplexing (TDM) serial audio, which allows the
transmission of eight multiplexed serial audio channels on a
single audio output interface port.
The ADV7481 is programmed via a 2-wire, serial, bidirectional
port (I2C compatible).
Fabricated in an advanced CMOS process, the ADV7481 is
available in a 9 mm × 9 mm, RoHS-compliant, 100-ball
CSP_BGA package and is specified over the −40°C to +85°C
temperature range.
The ADV7481 is offered in automotive and industrial versions.
Rev. 0 | Page 3 of 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com