Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7481WBBCZ Datasheet(PDF) 17 Page - Analog Devices

Part # ADV7481WBBCZ
Description  Integrated Video Decoder and Dual Mode HDMI/MHL Receiver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7481WBBCZ Datasheet(HTML) 17 Page - Analog Devices

Back Button ADV7481WBBCZ Datasheet HTML 13Page - Analog Devices ADV7481WBBCZ Datasheet HTML 14Page - Analog Devices ADV7481WBBCZ Datasheet HTML 15Page - Analog Devices ADV7481WBBCZ Datasheet HTML 16Page - Analog Devices ADV7481WBBCZ Datasheet HTML 17Page - Analog Devices ADV7481WBBCZ Datasheet HTML 18Page - Analog Devices ADV7481WBBCZ Datasheet HTML 19Page - Analog Devices ADV7481WBBCZ Datasheet HTML 20Page - Analog Devices ADV7481WBBCZ Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
Data Sheet
ADV7481
Rev. 0 | Page 17 of 22
POWER SUPPLY RECOMMENDATION
POWER-UP SEQUENCE
Adhere to the absolute maximum ratings at all times during
power-up (see Table 6). The power-up sequence for the
ADV7481 is as follows:
1.
Assert RESET (pull the pin low).
2.
Power up the 3.3 V supplies (DVDDIO and TVDD). These
supplies must be powered up simultaneously.
3.
Power up the 1.8 V supplies (DVDD, CVDD, PVDD, MVDD, and
AVDD). These supplies must be powered up simultaneously.
4.
RESET can be deasserted (pulled high) 5 ms after all
supplies are fully powered up.
5.
After all power supplies and the RESET pin are powered up
and stable, wait an additional 5 ms before initiating I2C
communication with the ADV7481.
POWER-DOWN SEQUENCE
The ADV7481 power supplies can be deasserted simultaneously
as long as a higher rated supply (for example, DVDDIO) does not
fall to a voltage level less than a lower rated supply (for example,
DVDD), and the absolute maximum ratings specifications are
followed.
Figure 13. Supply Power-Up Sequence
3.3V SUPPLIES
RESET
0V
0V
3.3V
1.8V SUPPLIES
0V
1.8V
3.3V
RESET > 5ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com