Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7481WBBCZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADV7481WBBCZ
Description  Integrated Video Decoder and Dual Mode HDMI/MHL Receiver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7481WBBCZ Datasheet(HTML) 1 Page - Analog Devices

  ADV7481WBBCZ Datasheet HTML 1Page - Analog Devices ADV7481WBBCZ Datasheet HTML 2Page - Analog Devices ADV7481WBBCZ Datasheet HTML 3Page - Analog Devices ADV7481WBBCZ Datasheet HTML 4Page - Analog Devices ADV7481WBBCZ Datasheet HTML 5Page - Analog Devices ADV7481WBBCZ Datasheet HTML 6Page - Analog Devices ADV7481WBBCZ Datasheet HTML 7Page - Analog Devices ADV7481WBBCZ Datasheet HTML 8Page - Analog Devices ADV7481WBBCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Integrated Video Decoder and
Dual Mode HDMI/MHL Receiver
Data Sheet
ADV7481
FEATURES
Analog input
Worldwide NTSC/PAL/SECAM color demodulation support
with autodetection
One 10-bit ADC, 4× oversampling for CVBS, Y/C, and YPbPr
8 analog video input channels with on-chip antialiasing filter
Fully differential, pseudo differential, and single-ended
CVBS video input support
STB diagnostics on differential video inputs
CVBS (composite), Y/C (S-Video), and YPbPr (component)
video input support
Fast switching capability between analog inputs
Adaptive contrast enhancement (ACE)
Excellent common-mode noise rejection capabilities
Rovi (Macrovision) copy protection detection
Up to 4 V common-mode input range solution
Vertical blanking interval (VBI) data slicer
Mobile High-Definition Link (MHL) capable receiver
High-bandwidth Digital Content Protection (HDCP)
authentication and decryption support
75 MHz maximum pixel clock frequency, allowing HDTV
formats up to 720p/1080i at 60 Hz
24 bits per pixel mode supported
HDCP repeater support, up to 25 KSVs supported
Adaptive TMDS equalizer
High-Definition Multimedia Interface (HDMI) capable
receiver
HDCP authentication and decryption support
162 MHz maximum pixel clock frequency, allowing HDTV
formats up to 1080p and display resolutions up to UXGA
(1600 × 1200 at 60 Hz)
HDCP repeater support, up to 25 KSVs supported
Integrated CEC controller, CEC 1.4 compatible
Adaptive TMDS equalizer
5 V detect and Hot Plug assert
Component video processor
Any-to-any 3 × 3 color space conversion (CSC) matrix
Contrast/brightness/hue/saturation video adjustment
Timing adjustments controls for horizontal sync
(HS)/vertical sync (VS)/data enable (DE) timing
Video mute function
Serial digital audio output interface
HDMI/MHL audio extraction support
Advanced audio muting feature
I2S-compatible, left justified, and right justified audio
output modes
8-channel TDM output mode available
2 Mobile Industry Processor Interface (MIPI) Camera Serial
Interface 2 (CSI-2) transmitters
4-lane transmitter with 4 lanes, 2 lanes, and 1 lane muxing
options for HDMI/MHL/SDP/digital input port sources
1-lane transmitter for standard definition processor (SDP)
sources
8-bit digital input/output port
General
2-wire serial microprocessor unit (MPU) interface (I2C
compatible)
−40°C to +85°C temperature grade
100-ball, 9 mm × 9 mm, RoHS-compliant CSP_BGA package
Qualified for automotive applications
APPLICATIONS
Portable devices
Automotive infotainment (head unit and rear seat
entertainment systems)
HDMI repeaters and video switches
FUNCTIONAL BLOCK DIAGRAM
Figure 1.
RX0P/RX0N
RX1P/RX1N
RX2P/RX2N
RXCP/RXCN
DDC_SCL/
CD_PULLU P
DDC_SDA
HPD/CBUS
RX_5V/VBUS
VBUS_EN
CD_SENSE
CEC
HDMI/MHL
RECEIVER
CP
CORE
AUDIO
PROCESSOR
SPI SLAVE
I2C SLAVE
INTERRUPTS
CONTROLLER
AUDIO OUTPUT
FORMATTER
SPI_MISO
SPI_MOSI
SPI_SCLK
SPI_CS
DIAGNOSTIC
8-BIT TTL
INPUT/OUTPUT
AFE
CEC
HPD
EDID RAM
HDCP
MHL_SENSE
CBUS
DDC
SCLK
SDATA
ALSB
INTRQ1 TO
INTRQ3
I2S_MCLK
I2S_LRCLK
I2S_SCLK
I2S_SDATA
CLKAP/CLKAN
CLKBP/CLKBN
DB0P/DB0N
AIN1 TO
AIN8
P0 TO P7
LLC
DIAG1 TO
DIAG4
DA0P/DA0N TO
DA3P/DA3N
4-LANE
MIPI CSI-2
TRANSMITTER
1-LANE
MIPI CSI-2
TRANSMITTER
ADV7481
SD
CORE
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2014 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com


Similar Part No. - ADV7481WBBCZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7480 AD-ADV7480 Datasheet
315Kb / 19P
Dual Mode HDMI/MHL Receiver
6/14-Revision 0
ADV7480WBBCZ AD-ADV7480WBBCZ Datasheet
315Kb / 19P
Dual Mode HDMI/MHL Receiver
6/14-Revision 0
ADV7480WBBCZ-RL AD-ADV7480WBBCZ-RL Datasheet
315Kb / 19P
Dual Mode HDMI/MHL Receiver
6/14-Revision 0
ADV7482 AD-ADV7482 Datasheet
372Kb / 20P
Integrated Video Decoder and HDMI Receiver
6/14-Revision 0
ADV7482WBBCZ AD-ADV7482WBBCZ Datasheet
372Kb / 20P
Integrated Video Decoder and HDMI Receiver
6/14-Revision 0
More results

Similar Description - ADV7481WBBCZ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA5281 PHILIPS-SAA5281 Datasheet
1Mb / 48P
Integrated Video input processor and Teletext decoder IVT1.8
1996 Nov 04
logo
Analog Devices
ADV7840 AD-ADV7840 Datasheet
72Kb / 2P
12-Bit, 170 MHz Video and Graphics Digitizer with 3D Comb Filter Decoder and Quad HDMI 1.3 Receiver
Rev. SpA
logo
Silicon image
SII9206 SILICONIMAGE-SII9206 Datasheet
220Kb / 2P
VastLane HDMI / MHL Transmitter PHY
logo
Analog Devices
ADV7842 AD-ADV7842 Datasheet
77Kb / 2P
Dual HDMI 1.4 Fast Switching Receiver with 12-Bit, 170 MHz Video and Graphics Digitizer and 3D Comb Filter Decoder
Rev. Sp0
ADV7842KBCZ-5P AD-ADV7842KBCZ-5P Datasheet
394Kb / 28P
Dual HDMI Fast Switching Receiver with 12-Bit, 170 MHz Video and Graphics Digitizer and 3D Comb Filter Decoder
Rev. B
ADV7842KBCZ-5 AD-ADV7842KBCZ-5 Datasheet
406Kb / 28P
Dual HDMI Fast Switching Receiver with 12-Bit, 170 MHz Video and Graphics igitizer and 3D Comb Filter Decoder
REV. B
logo
Advantech Co., Ltd.
DSP-8662H ADVANTECH-DSP-8662H_14 Datasheet
1Mb / 2P
4ch HDMI Video Decoder Card with SDK
logo
Analog Devices
ADV7480 AD-ADV7480 Datasheet
315Kb / 19P
Dual Mode HDMI/MHL Receiver
6/14-Revision 0
ADV7482 AD-ADV7482 Datasheet
372Kb / 20P
Integrated Video Decoder and HDMI Receiver
6/14-Revision 0
logo
Silicon image
SII1292CNUC SILICONIMAGE-SII1292CNUC Datasheet
267Kb / 8P
MHL Bridge and HDMI Monitor Receiver
2010-2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com