Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2603 Datasheet(PDF) 8 Page - Analog Devices

Part # SSM2603
Description  Low Power Audio Codec
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2603 Datasheet(HTML) 8 Page - Analog Devices

Back Button SSM2603 Datasheet HTML 4Page - Analog Devices SSM2603 Datasheet HTML 5Page - Analog Devices SSM2603 Datasheet HTML 6Page - Analog Devices SSM2603 Datasheet HTML 7Page - Analog Devices SSM2603 Datasheet HTML 8Page - Analog Devices SSM2603 Datasheet HTML 9Page - Analog Devices SSM2603 Datasheet HTML 10Page - Analog Devices SSM2603 Datasheet HTML 11Page - Analog Devices SSM2603 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
SSM2603
Data Sheet
Rev. D | Page 8 of 31
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
MCLK/XTI
XTO
DCVDD
DGND
DBVDD
CLKOUT
BCLK
ROUT
AVDD
AGND
VMID
MICBIAS
LOUT
PGND
TOP VIEW
(Not to Scale)
SSM2603
NOTES
1. CONNECT THE EXPOSED PAD TO THE PCB
GROUND LAYER.
1
2
3
4
5
6
7
17
18
19
20
21
16
15
Figure 6. Pin Configuration
Table 9. Pin Function Descriptions
Pin No.
Mnemonic
Type
Description
1
MCLK/XTI
Digital Input
Master Clock Input/Crystal Input.
2
XTO
Digital Output
Crystal Output.
3
DCVDD
Digital Supply
Digital Core Supply.
4
DGND
Digital Ground
Digital Ground.
5
DBVDD
Digital Supply
Digital I/O Supply.
6
CLKOUT
Digital Output
Buffered Clock Output.
7
BCLK
Digital Input/Output
Digital Audio Bit Clock.
8
PBDAT
Digital Input
DAC Digital Audio Data Input, Playback Function.
9
PBLRC
Digital Input/Output
DAC Sampling Rate Clock, Playback Function (from Left and Right Channels).
10
RECDAT
Digital Output
ADC Digital Audio Data Output, Record Function.
11
RECLRC
Digital Input/Output
ADC Sampling Rate Clock, Record Function (from Left and Right Channels).
12
HPVDD
Analog Supply
Headphone Supply.
13
LHPOUT
Analog Output
Headphone Output for Left Channel.
14
RHPOUT
Analog Output
Headphone Output for Right Channel.
15
PGND
Analog Ground
Headphone Ground.
16
LOUT
Analog Output
Line Output for Left Channel.
17
ROUT
Analog Output
Line Output for Right Channel.
18
AVDD
Analog Supply
Analog Supply.
19
AGND
Analog Ground
Analog Ground.
20
VMID
Analog Output
Midrail Voltage Decoupling Input.
21
MICBIAS
Analog Output
Microphone Bias.
22
MICIN
Analog Input
Microphone Input Signal.
23
RLINEIN
Analog Input
Line Input for Right Channel.
24
LLINEIN
Analog Input
Line Input for Left Channel.
25
MUTE
Digital Input
DAC Output Mute, Active Low
26
CSB
Digital Input
2-Wire Control Interface I2C Address Selection.
27
SDIN
Digital Input/Output
2-Wire Control Interface Data Input/Output.
28
SCLK
Digital Input
2-Wire Control Interface Clock Input.
Exposed Pad
Thermal Exposed Pad
Connect the exposed pad to the PCB ground layer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com