Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2603 Datasheet(PDF) 1 Page - Analog Devices

Part # SSM2603
Description  Low Power Audio Codec
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2603 Datasheet(HTML) 1 Page - Analog Devices

  SSM2603 Datasheet HTML 1Page - Analog Devices SSM2603 Datasheet HTML 2Page - Analog Devices SSM2603 Datasheet HTML 3Page - Analog Devices SSM2603 Datasheet HTML 4Page - Analog Devices SSM2603 Datasheet HTML 5Page - Analog Devices SSM2603 Datasheet HTML 6Page - Analog Devices SSM2603 Datasheet HTML 7Page - Analog Devices SSM2603 Datasheet HTML 8Page - Analog Devices SSM2603 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
Low Power Audio Codec
Data Sheet
SSM2603
Rev. D
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2008–2018 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Stereo, 24-bit analog-to-digital and digital-to-analog converters
DAC SNR: 100 dB (A-weighted), THD: −80 dB at 48 kHz, 3.3 V
ADC SNR: 90 dB (A-weighted), THD: −80 dB at 48 kHz, 3.3 V
Highly efficient headphone amplifier
Stereo line input and monaural microphone input
Low power
7 mW stereo playback (1.8 V/1.5 V supplies)
14 mW record and playback (1.8 V/1.5 V supplies)
Low supply voltages
Analog: 1.8 V to 3.6 V
Digital core: 1.5 V to 3.6 V
Digital I/O: 1.8 V to 3.6 V
256/384 oversampling rate in normal mode; 250/272 over-
sampling rate in USB mode
Audio sampling rates: 8 kHz, 11.025 kHz, 12 kHz, 16 kHz,
22.05 kHz, 24 kHz, 32 kHz, 44.1 kHz, 48 kHz, 88.2 kHz,
and 96 kHz
28-lead, 5 mm × 5 mm LFCSP package
APPLICATIONS
Mobile phones
MP3 players
Portable gaming
Portable electronics
Educational toys
GENERAL DESCRIPTION
The SSM2603 is a low power, high quality stereo audio codec
for portable digital audio applications with one set of stereo
programmable gain amplifier (PGA) line inputs and one
monaural microphone input. It features two 24-bit analog-to-
digital converter (ADC) channels and two 24-bit digital-to-
analog (DAC) converter channels.
The SSM2603 can operate as a master or a slave. It supports
various master clock frequencies, including 12 MHz or 24 MHz
for USB devices; standard 256 fS or 384 fS based rates, such as
12.288 MHz and 24.576 MHz; and many common audio sampling
rates, such as 96 kHz, 88.2 kHz, 48 kHz, 44.1 kHz, 32 kHz, 24
kHz, 22.05 kHz, 16 kHz, 12 kHz, 11.025 kHz, and 8 kHz.
The SSM2603 can operate at power supplies as low as 1.8 V for
the analog circuitry and as low as 1.5 V for the digital circuitry.
The maximum voltage supply is 3.6 V for all supplies.
The SSM2603 software-programmable stereo output options
provide the user with many application possibilities. Its volume
control functions provide a large range of gain control of the
audio signal.
The SSM2603 is specified over the industrial temperature range
of −40°C to +85°C. It is available in a 28-lead, 5 mm × 5 mm
lead frame chip scale package (LFCSP).
FUNCTIONAL BLOCK DIAGRAM
AVDD
VMID
AGND
DBVDD DGND DCVDD
HPVDD PGND
MICBIAS
RHPOUT
ROUT
MICIN
DIGITAL
PROCESSOR
RLINEIN
MUX
ADC
LLINEIN
MUX
ADC
DAC
DAC
LOUT
LHPOUT
SIDETONE
BYPASS
SIDETONE
BYPASS
CLK
MCLK/
XTI
XTO CLKOUT
CONTROL INTERFACE
MUTE CSB
SDIN SCLK
DIGITAL AUDIO INTERFACE
PBDAT RECDAT BCLK PBLRC RECLRC
0dB/20dB BOOST
–34.5dB TO +33dB,
1.5dB STEP
–34.5dB TO +33dB,
1.5dB STEP
–73dB TO +6dB,
1dB STEP
–73dB TO +6dB,
1dB STEP
–6dB TO –15dB/MUTE –3dB STEP
–6dB TO –15dB/MUTE –3dB STEP
SSM2603
Figure 1.


Similar Part No. - SSM2603

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2603 AD-SSM2603 Datasheet
639Kb / 32P
Low Power Audio Codec
REV. 0
SSM2603 AD-SSM2603 Datasheet
585Kb / 33P
Low Power Audio Codec
Rev. C
SSM2603-EVALZ AD-SSM2603-EVALZ Datasheet
639Kb / 32P
Low Power Audio Codec
REV. 0
SSM2603-EVALZ AD-SSM2603-EVALZ Datasheet
585Kb / 33P
Low Power Audio Codec
Rev. C
SSM2603CPZ-R2 AD-SSM2603CPZ-R2 Datasheet
639Kb / 32P
Low Power Audio Codec
REV. 0
More results

Similar Description - SSM2603

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XE3006 ETC-XE3006 Datasheet
465Kb / 32P
Low-Power Audio CODEC
logo
Analog Devices
SSM2602 AD-SSM2602 Datasheet
611Kb / 28P
Low Power Audio Codec
Sep-2007
SSM2602 AD-SSM2602_08 Datasheet
659Kb / 32P
Low Power Audio Codec
REV. 0
SSM2604 AD-SSM2604 Datasheet
490Kb / 28P
Low Power Audio Codec
REV. 0
SSM2603 AD-SSM2603_17 Datasheet
585Kb / 33P
Low Power Audio Codec
Rev. C
SSM2604 AD-SSM2604_17 Datasheet
490Kb / 29P
Low Power Audio Codec
Rev. A
SSM2604 AD-SSM2604_18 Datasheet
439Kb / 28P
Low Power Audio Codec
8/2018-Rev. A to Rev. B
logo
Suzhou Everest Semicond...
ES8316 EVEREST-ES8316 Datasheet
693Kb / 12P
Low Power Audio CODEC
ES8388S EVEREST-ES8388S Datasheet
855Kb / 29P
Low Power Audio CODEC
ES8323S EVEREST-ES8323S Datasheet
857Kb / 28P
Low Power Audio CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com