Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2603 Datasheet(PDF) 17 Page - Analog Devices

Part # SSM2603
Description  Low Power Audio Codec
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2603 Datasheet(HTML) 17 Page - Analog Devices

Back Button SSM2603 Datasheet HTML 13Page - Analog Devices SSM2603 Datasheet HTML 14Page - Analog Devices SSM2603 Datasheet HTML 15Page - Analog Devices SSM2603 Datasheet HTML 16Page - Analog Devices SSM2603 Datasheet HTML 17Page - Analog Devices SSM2603 Datasheet HTML 18Page - Analog Devices SSM2603 Datasheet HTML 19Page - Analog Devices SSM2603 Datasheet HTML 20Page - Analog Devices SSM2603 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
Data Sheet
SSM2603
Rev. D | Page 17 of 31
SOFTWARE CONTROL INTERFACE
The software control interface provides access to the user-selectable
control registers and can operate with a 2-wire (I2C) interface.
Within each control register is a control data-word consisting of
16 bits, MSB first. Bit B15 to Bit B9 are the register map address,
and Bit B8 to Bit B0 are register data for the associated register map.
SDIN generates the serial control data-word, SCLK clocks the
serial data, and CSB determines the I2C device address. If the
CSB pin is set to 0, the address selected is 0011010; if 1, the
address is 0011011.
CONTROL REGISTER SEQUENCING
1. Enable all of the necessary power management bits of
Register R6 with the exception of the out bit (Bit D4). The
out bit should be set to 1 until the final step of the control
register sequence.
2. After the power management bits are set, program all other
necessary registers, with the exception of the active bit
[Register R9, Bit D0] and the out bit of the power manage-
ment register.
3. As described in the Digital Core Clock section of the
Theory of Operation, insert enough delay time to charge
the VMID decoupling capacitor before setting the active
bit [Register R9, Bit D0] .
4. Finally, to enable the DAC output path of the SSM2603, set
the out bit of Register R6 to 0.
P
9
8
1 TO 7
9
8
1 TO 7
9
8
1 TO 7
S
SDIN
SCLK
START
ADDR
R/W
ACK
ACK
SUBADDRESS
ACK
STOP
DATA
Figure 28. 2-Wire I2C Generalized Clocking Diagram
WRITE
SEQUENCE
READ
SEQUENCE
S
A1
A7
A0
A(S)
A(S)
S
B15
B9
0
0
1
0
P
0
...
A1
A7
A0
A(S)
...
B0
B8
B7
A(M)
A(M)
...
B0
B7
P
...
...
...
DEVICE
ADDRESS
DEVICE
ADDRESS
REGISTER
ADDRESS
S
A1
A7
A0
A(S)
A(S)
A(S)
B15
B9
B8
0
...
...
DEVICE
ADDRESS
REGISTER
ADDRESS
REGISTER
DATA
(SLAVE DRIVE)
REGISTER
DATA
S/P = START/STOP BIT.
A0 = I2C R/W BIT.
A(S) = ACKNOWLEDGE BY SLAVE.
A(M) = ACKNOWLEDGE BY MASTER.
A(M) = ACKNOWLEDGE BY MASTER (INVERSION).
Figure 29. I2C Write and Read Sequences



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com