Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2891066 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 2891066
Description  Network structure according to IEC 61850
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2891066 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  2891066 Datasheet HTML 1Page - PHOENIX CONTACT 2891066 Datasheet HTML 2Page - PHOENIX CONTACT 2891066 Datasheet HTML 3Page - PHOENIX CONTACT 2891066 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
https://www.phoenixcontact.com/pi/products/2891066
08/14/2018   Page 3 / 4
Industrial Ethernet Switch - FL SWITCH 3016E - 2891066
Technical data
Connection data
Conductor cross section flexible max.
2.5 mm²
Conductor cross section AWG min.
24
Conductor cross section AWG max.
12
Stripping length
7 mm
Standards and Regulations
Type of test
Shock in acc. with EN 60068-2-27/IEC 60068-2-27
Test result
30g, 11 ms half-sine shock pulse
Type of test
Vibration resistance in acc. with EN 60068-2-6/IEC 60068-2-6
Test result
5g, 150 Hz, Criterion 3
Type of test
Free fall in acc. with IEC 60068-2-32
Test result
1 m
Noise emission
EN 61000-6-4
Noise immunity
IEC 61850-3, IEEE 1613, EN 61000-6-2: 2005
Conformance
CE-compliant
Environmental Product Compliance
REACh SVHC
Lead 7439-92-1
China RoHS
Environmentally Friendly Use Period = 10;
For details about hazardous substances go to tab “Downloads”,
Category “Manufacturer's declaration”
Approvals
Approvals
Approvals
UL Listed / cUL Listed / EAC / cULus Listed
Ex Approvals
Approval details
UL Listed 
 http://database.ul.com/cgi-bin/XYV/template/LISEXT/1FRAME/index.htm
 FILE E 140324
 
 
mm²/AWG/kcmil
30-14



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com