Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2891066 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 2891066
Description  Network structure according to IEC 61850
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2891066 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  2891066 Datasheet HTML 1Page - PHOENIX CONTACT 2891066 Datasheet HTML 2Page - PHOENIX CONTACT 2891066 Datasheet HTML 3Page - PHOENIX CONTACT 2891066 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
https://www.phoenixcontact.com/pi/products/2891066
08/14/2018   Page 2 / 4
Industrial Ethernet Switch - FL SWITCH 3016E - 2891066
Technical data
Ambient conditions
Permissible humidity (operation)
5 % ... 95 % (non-condensing)
Permissible humidity (storage/transport)
5 % ... 95 % (non-condensing)
Air pressure (operation)
57 kPa ... 108 kPa (up to 4850 m above mean sea level)
Air pressure (storage/transport)
57 kPa ... 108 kPa (up to 4850 m above mean sea level)
Interfaces
Interface 1
Ethernet (RJ45)
No. of ports
16 (RJ45 ports)
Note on the connection method
Auto negotiation and autocrossing
Transmission physics
Ethernet in RJ45 twisted pair
Transmission speed
10/100 Mbps (with auto negotiation)
Transmission length
100 m
Function
Basic functions
Store and forward switch, Extended Ring and IEEE redundancy,
Multicast control, IGMP snooping, trunking, Port and Tagging VLANs,
Port and IEEE 802.1x security, SNMP V3 and Https security, SNTP, web
customization, user accounts
Redundancy
ERR (Extendet Ring Redundancy)
Status and diagnostic indicators
LEDs: US1, US2 (redundant voltage supply), link and activity per port
Signal contact control voltage
250 V AC
Signal contact control current
1 A
Network expansion parameters
Cascading depth
Network, linear, and star structure: any
Maximum conductor length (twisted pair)
100 m
Supply voltage
Supply voltage
24 V DC (redundant)
Residual ripple
3.6 VPP (within the permitted voltage range)
Supply voltage range
12 V DC ... 48 V DC
Typical current consumption
312 mA (24 V DC)
Inrush surge current
6.4 A (200 µs)
General
Mounting type
DIN rail
Type AX
Block design
Net weight
1640 g
Housing material
Aluminum
Connection data
Connection method
Pluggable COMBICON screw connections
Conductor cross section solid min.
0.2 mm²
Conductor cross section solid max.
2.5 mm²
Conductor cross section flexible min.
0.2 mm²



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com