Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2891066 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2891066
Description  Network structure according to IEC 61850
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2891066 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2891066 Datasheet HTML 1Page - PHOENIX CONTACT 2891066 Datasheet HTML 2Page - PHOENIX CONTACT 2891066 Datasheet HTML 3Page - PHOENIX CONTACT 2891066 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
https://www.phoenixcontact.com/pi/products/2891066
08/14/2018   Page 1 / 4
Industrial Ethernet Switch - FL SWITCH 3016E - 2891066
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Managed Ethernet switch meets IEC 61850-3 and IEEE 1613 standards. Provides 16 RJ45 ports at 10/100
Mbps and operating temperature of -40°C ... +70°C.
Product Description
FL SWITCH 3000 managed industrial Ethernet switches combine extensive network performance and securtiy features with complete IEEE
redundancy (STP/RSTP/MST) and 15 ms recovery time extended ring redundancy. Unique web customization provides a simplified user interface
for today's applications and scalable functionality for future needs. A comprehensive mix of fiber optic and copper port connections meets a wide
range of applications.
Why buy this product
 Network structure according to IEC 61850
 IEEE 1613
Key Commercial Data
Packing unit
1 STK
GTIN
GTIN
4046356764353
Technical data
Note
Utilization restriction
EMC: class A product, see manufacturer's declaration in the download
area
Dimensions
Width
78.6 mm
Height
145 mm
Depth
125 mm
Ambient conditions
Degree of protection
IP20
Ambient temperature (operation)
-40 °C ... 70 °C
Ambient temperature (storage/transport)
-40 °C ... 85 °C


Similar Part No. - 2891066

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2891060 PHOENIX-2891060 Datasheet
65Kb / 5P
FL SWITCH 3000 managed industrial Ethernet switches combine extensive network performance and securtiy features with complete IEEE redundancy
2891061 PHOENIX-2891061 Datasheet
60Kb / 5P
Unique cleanup function hides unused configuration pages, reducing complexity, maintenance and startup times
2891062 PHOENIX-2891062 Datasheet
69Kb / 4P
Secure web-based and SNMP-based management
2891064 PHOENIX-2891064 Datasheet
58Kb / 5P
Automatic detection of IEEE 802.3at or 802.3af powered devices
2891067 PHOENIX-2891067 Datasheet
74Kb / 4P
Network structure according to IEC 61850
More results

Similar Description - 2891066

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2891067 PHOENIX-2891067 Datasheet
74Kb / 4P
Network structure according to IEC 61850
2891072 PHOENIX-2891072 Datasheet
67Kb / 4P
Network structure according to IEC 61850
2891073 PHOENIX-2891073 Datasheet
68Kb / 4P
Network structure according to IEC 61850
2891074 PHOENIX-2891074 Datasheet
67Kb / 4P
Network structure according to IEC 61850
2891079 PHOENIX-2891079 Datasheet
67Kb / 4P
Network structure according to IEC 61850
2891080 PHOENIX-2891080 Datasheet
65Kb / 3P
Network structure according to IEC 61850
2891081 PHOENIX-2891081 Datasheet
68Kb / 3P
Network structure according to IEC 61850
2891082 PHOENIX-2891082 Datasheet
68Kb / 3P
Network structure according to IEC 61850
2891085 PHOENIX-2891085 Datasheet
67Kb / 4P
Network structure according to IEC 61850
2891086 PHOENIX-2891086 Datasheet
67Kb / 4P
Network structure according to IEC 61850
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com