Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR9211L-18-AF5-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # LR9211L-18-AF5-R
Description  600mA LOW DROPOUT LINEAR REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR9211L-18-AF5-R Datasheet(HTML) 2 Page - Unisonic Technologies

  LR9211L-18-AF5-R Datasheet HTML 1Page - Unisonic Technologies LR9211L-18-AF5-R Datasheet HTML 2Page - Unisonic Technologies LR9211L-18-AF5-R Datasheet HTML 3Page - Unisonic Technologies LR9211L-18-AF5-R Datasheet HTML 4Page - Unisonic Technologies LR9211L-18-AF5-R Datasheet HTML 5Page - Unisonic Technologies LR9211L-18-AF5-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
LR9211
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R102-103.a
MARKING
PACKAGE
VOLTAGE CODE
MARKING
SOT-25
18: 1.8V
AD: ADJ
PIN CONFIGURATION
3
2
1
4
5
EN
GND
VIN
VOUT
NC/FB
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
VIN
Input Voltage. This pin connects to the source of the internal pass transistor that
supplies current to the output pin. Bypass VIN to GND with a minimum 1uF ceramic
capacitor. Place the decoupling capacitor physically as close as possible to the
device.
2
GND
Ground.
3
EN
Enable Input. Pulling this pin below 0.35V turns the regulator off, reducing the
quiescent current to a fraction of its operating value. This pin is not available for 3-pin
packages.
4
FB/NC
Feedback Pin(ADJ Version). this pin is connected to an external resistor divider, turns
to adjustable output voltage; VOUT=0.8*(R1+R2)/R1(V); NC Pin(fixed version);
5
VOUT
Output Voltage. This pin is power output of the device. A pull low resistance exists
when the device is disabled by pulling low the EN pin. To maintain adequate transient
response to large load change, a minimum 1uF ceramic capacitor is required to
reduce the effects of current transients on VOUT.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com