Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR9211L-18-AF5-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # LR9211L-18-AF5-R
Description  600mA LOW DROPOUT LINEAR REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR9211L-18-AF5-R Datasheet(HTML) 4 Page - Unisonic Technologies

  LR9211L-18-AF5-R Datasheet HTML 1Page - Unisonic Technologies LR9211L-18-AF5-R Datasheet HTML 2Page - Unisonic Technologies LR9211L-18-AF5-R Datasheet HTML 3Page - Unisonic Technologies LR9211L-18-AF5-R Datasheet HTML 4Page - Unisonic Technologies LR9211L-18-AF5-R Datasheet HTML 5Page - Unisonic Technologies LR9211L-18-AF5-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
LR9211
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R102-103.a
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Input Voltage (Note 1)
VIN
-0.3 ~ +6
V
Other Pins
-0.3 ~ (VIN+0.3)
V
Power Dissipation (TA=25°C)
PD
0.4
W
Junction Temperature
TJ
+150
°C
Storage Temperature Range
TSTG
-65 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Package Thermal Resistance
θJA
250
°C/W
RECOMMENDED OPERATION CONDITIONS
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Input Voltage
VIN
2.5 ~ +5.5
V
Operating Ambient Temperature Range
TA
-20 ~ +85
°C
Operating Junction Temperature Range
TJ
-20 ~ +125
°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com