Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR9211L-18-AF5-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # LR9211L-18-AF5-R
Description  600mA LOW DROPOUT LINEAR REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR9211L-18-AF5-R Datasheet(HTML) 5 Page - Unisonic Technologies

  LR9211L-18-AF5-R Datasheet HTML 1Page - Unisonic Technologies LR9211L-18-AF5-R Datasheet HTML 2Page - Unisonic Technologies LR9211L-18-AF5-R Datasheet HTML 3Page - Unisonic Technologies LR9211L-18-AF5-R Datasheet HTML 4Page - Unisonic Technologies LR9211L-18-AF5-R Datasheet HTML 5Page - Unisonic Technologies LR9211L-18-AF5-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
LR9211
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R102-103.a
ELECTRICAL CHARACTERISTICS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Supply Input Voltage
Supply Input Voltage
VIN
2.5
5.5
V
Quiescent Current
IQ
VEN=5V, IOUT=0mA
40
70
115
μA
Shutdown Current
ISHDN
VEN=0V
0.1
1
μA
Output Voltage
Output Voltage Accuracy
VOUT
VIN=VNOM+1.0V, IOUT=1mA,
fixed output voltage version
-1.5
1.5 %VNOM
Reference Voltage Accuracy
VFB
VIN=3.3V, IOUT=1mA, Vout=FB
ADJ output voltage version
0.788
0.80 0.812
V
Output Line Regulation
∆VREF (LINE)
2.5V<VIN<5.5V, and VIN>VOUT+1.0V,
IOUT=1mA
0.01
0.2
%/V
Output Load Regulation
∆VREF (LOAD) 1mA<IOUT<500mA, VIN=VNOM+1.0V
0.5
2.0
%/A
IOUT=300mA, VOUT =1.8V
450
600
IOUT=300mA, VOUT =3.3V
300
400
IOUT=600mA, VOUT =1.8V
1200
Dropout Voltage
VDROP
IOUT=600mA, VOUT =3.3V
800
mV
Frequency=10Hz, IOUT=10mA
68
Frequency=1kHz, IOUT=10mA
65
Frequency=100kHz, IOUT=10mA
45
Frequency=10Hz, IOUT=300mA
48
Frequency=1kHz, IOUT=300mA
62
Power Supply Rejection Ratio
PSRR
Frequency=100kHz, IOUT=300mA
40
dB
Enable
Enable High Level
VEN
1.2
V
Disable Low Level
VSD
0.35
V
EN Input Current
IEN
VIN=5.5V, VEN=5.5V or 0V
-1
1
μA
Enable Delay Time
TDELAY
from VEN>1.2V to VOUT>10%VNOM,
by design
35
us
Output Ramp Up Time
TSS
from VOUT=10% to 90% of VNOM,
by design
45
us
Protection
Current Limit Threshold
ILIM
0.9
1.2
A
Short Circuit Current
0.6
A
Thermal Shutdown Temperature
TSD
IOUT=0mA, VIN=VEN=5.5V
170
°C
Thermal Shutdown Hysteresis
TSDHYS
IOUT=0mA, VIN=VEN=5.5V
10
°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com