Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR18943AL-SH2-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # LR18943AL-SH2-R
Description  1.0A LOW DROPOUT LINEAR REGULATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR18943AL-SH2-R Datasheet(HTML) 2 Page - Unisonic Technologies

  LR18943AL-SH2-R Datasheet HTML 1Page - Unisonic Technologies LR18943AL-SH2-R Datasheet HTML 2Page - Unisonic Technologies LR18943AL-SH2-R Datasheet HTML 3Page - Unisonic Technologies LR18943AL-SH2-R Datasheet HTML 4Page - Unisonic Technologies LR18943AL-SH2-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
LR18943A
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 5
www.unisonic.com.tw
QW-R102-094.a
PIN CONFIGURATION
1
VIN
2
VPP
3
SET1
8 VOUT
7 ADJ
6 SSC
5 EN
SET2 4
GND
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
VIN
Input voltage. Large bulk capacitance should be placed closely to this pin, A 10uF
ceramic capacitor is recommended at this pin
2
VPP
Input voltage for controlling circuit
3
SET1
Output voltage setting pin. Pull-high: 1, Pull-Low; 0
4
SET2
Output voltage setting pin. Pull-high: 1, Pull-Low; 0
5
EN
Enable input. Pulling this pin below 0.4V turns the regulator off, reducing the quiescent
current to a fraction of its operating value. The device will be disabled if this pin is left
open
6
SSC
Inrush current limit pin
7
ADJ
Resistor ratio of external feedback for output voltage by VO=0.8*(R1+R2)/R2 Volts
8
VOUT
The power output of the device. A pull low resistance exists when device deactivated by
EN pin
BLOCK DIAGRAM
VIN
EN
VPP
GND
VOUT
SSC
ADJ
SET1
SET2
Thermal
Shutdown
+
-
Current
Limit
Gate
Driver
0.8V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com