Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR18943AL-SH2-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # LR18943AL-SH2-R
Description  1.0A LOW DROPOUT LINEAR REGULATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR18943AL-SH2-R Datasheet(HTML) 3 Page - Unisonic Technologies

  LR18943AL-SH2-R Datasheet HTML 1Page - Unisonic Technologies LR18943AL-SH2-R Datasheet HTML 2Page - Unisonic Technologies LR18943AL-SH2-R Datasheet HTML 3Page - Unisonic Technologies LR18943AL-SH2-R Datasheet HTML 4Page - Unisonic Technologies LR18943AL-SH2-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
LR18943A
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R102-094.a
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Input Voltage
(VPP, VIN, EN, ADJ, VOUT, SSC, SET1, SET2)
VIN
7
V
Power Dissipation
PD
Internally limited
W
Junction Temperature
TJ
150
°C
Storage Temperature Range
TSTG
-65≤TJ≤+150
°C
Operation Conditions
VIN Voltage
VIN
1.0~5.5
V
VPP Voltage
VPP
3~5.5
V
(VPP≥VIN for normal operation) Temperature Range
TOPR
-40 ≤ TA ≤ +85
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL CHARACTERISTICS
PARAMETER
SYMBOL
RATINGS
UNIT
Junction To Ambient
θJA
143
°C/W
ELECTRICAL CHARACTERISTICS
VPP=5V, VIN =3.3V, VEN=VPP, IOUT =10mA, CIN=10µF, COUT =10µF, TA=TJ=25°C
The device is not guaranteed to function outside its operating conditions. Parameters with MIN and/ of MAX limits
are 100% tested at +25°C unless otherwise specified.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Input Voltage Range
VIN
VIN>VO
1.0
5.5
V
VPP
VPP Voltage Range
VPP
VPP>VO+1V and VPP>3V
3
5.5
V
VOUT
0.882
0.9
0.918
1.029
1.05
1.071
1.176
1.2
1.224
1.47
1.5
1.53
1.764
1.8
1.836
2.45
2.5
2.55
Internally set voltage
VIN= VO +0.5V
3.234
3.3
3.366
V
Output Voltage
VO
Externally set voltage
VIN=VO+0.5V
VO(S): VO Voltage setting
VO(S)-2% VO(S) VO(S)+2%
V
Line Regulation
VIN=( VO+0.5V)~5V, IOUT=100mA
△
(VOUT △
/VIN*VOUT
0.05
0.2
%/v
Ripple ejection
f=1kHz
70
dB
Load Regulation
10mA≤IO≤1
0.2
1
%
Dropout Voltage
VD
IO=1A, VO=1.8V
300
mV
Short Circuit Current
500
mA
Current Limit
ILIM
1.2
A
VOUT Pull Low Resistance
VEN=0V
35
Ω



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com