Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR18943AL-SH2-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # LR18943AL-SH2-R
Description  1.0A LOW DROPOUT LINEAR REGULATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR18943AL-SH2-R Datasheet(HTML) 1 Page - Unisonic Technologies

  LR18943AL-SH2-R Datasheet HTML 1Page - Unisonic Technologies LR18943AL-SH2-R Datasheet HTML 2Page - Unisonic Technologies LR18943AL-SH2-R Datasheet HTML 3Page - Unisonic Technologies LR18943AL-SH2-R Datasheet HTML 4Page - Unisonic Technologies LR18943AL-SH2-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
LR18943A
Preliminary
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 5
Copyright © 2017 Unisonic Technologies Co., Ltd
QW-R102-094.a
1.0A LOW DROPOUT LINEAR
REGULATOR WITH OUTPUT
VOLTAGE SETTING OPTIONS
DESCRIPTION
The UTC LR18943A is a typical LDO that features output
voltage setting options, very low dropout voltage as low as 0.3V
at output current 1.0A, an enable input and the soft-start reduces
inrush current of the load capacitors and minimizes stress on the
input power source during start-up. An enable pin to further
reduce power dissipation while shutdown..
The UTC LR18943A is stable with any type of output
capacitor of 10µF or more. A precision reference and feedback
control deliver 2% accuracy.
FEATURES
* Low VIN and wide VIN range: 1.0V~5.5V
* Bias voltage (VPP) range: 3.0V~5.5V
* Low VOUT range: 0.8V~3.3V
* 300mV dropout @1.0A, VPP=5V
* 2% output Voltage
* output voltage setting options
* Programmable soft-start provides linear voltage startup
* Stable with any output capacitor≥10µF
HSOP-8
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
LR18943AL-SH2-R
LR18943AG-SH2-R
HSOP-8
Tape Reel
.
(1) R: Tape Reel
(2) SH2: HSOP-8
(3) G: Halogen Free and Lead Free, L: Lead Free
LR18943AG-SH2-R
(1)Packing Type
(2)Package Type
(3)Green Package


Similar Part No. - LR18943AL-SH2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR1801 UTC-LR1801 Datasheet
206Kb / 5P
1A FAST ULTRA LOW DROPOUT LINEAR REGULATOR
LR1801 UTC-LR1801 Datasheet
371Kb / 11P
1.0A FAST ULTRA LOW DROPOUT LINEAR REGULATOR
LR1801G UTC-LR1801G Datasheet
206Kb / 5P
1A FAST ULTRA LOW DROPOUT LINEAR REGULATOR
LR1801G-12-SH2-R UTC-LR1801G-12-SH2-R Datasheet
206Kb / 5P
1A FAST ULTRA LOW DROPOUT LINEAR REGULATOR
LR1801G-12-SH2-T UTC-LR1801G-12-SH2-T Datasheet
206Kb / 5P
1A FAST ULTRA LOW DROPOUT LINEAR REGULATOR
More results

Similar Description - LR18943AL-SH2-R

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
CLM2810 CALOGIC-CLM2810 Datasheet
26Kb / 2P
1.0A Low Dropout Regulator
logo
National Semiconductor ...
LP8340 NSC-LP8340 Datasheet
304Kb / 14P
Low Dropout, Low IQ, 1.0A CMOS Linear Regulator
logo
Gamma Microelectronics ...
GM1117 GAMMA-GM1117 Datasheet
227Kb / 13P
1.0A LOW DROPOUT PRECISION LINEAR REGULATORS
logo
Weitron Technology
WT1117A WEITRON-WT1117A Datasheet
652Kb / 11P
1.0A LOW DROPOUT PRECISION LINEAR REGULATORS
logo
KODENSHI_AUK CORP.
A78R33PIC KODENSHI-A78R33PIC Datasheet
359Kb / 7P
1.0A output low dropout regulator
logo
BCD Semiconductor Manuf...
AZ1117E BCDSEMI-AZ1117E Datasheet
781Kb / 13P
1.0A LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
LR1801 UTC-LR1801_18 Datasheet
371Kb / 11P
1.0A FAST ULTRA LOW DROPOUT LINEAR REGULATOR
LR1812 UTC-LR1812 Datasheet
243Kb / 6P
1.0A FAST ULTRA LOW DROPOUT LINEAR REGULATOR
LR1802 UTC-LR1802 Datasheet
203Kb / 5P
1.0A LOW DROPOUT LINEAR REGULATOR WITH OUTPUT
logo
Shenzhen Huazhimei Semi...
AMS1117 HMSEMI-AMS1117 Datasheet
675Kb / 10P
low-dropout linear regulator.
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com