Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSA321 Datasheet(PDF) 4 Page - ON Semiconductor

Part # FSA321
Description  Audio Switches with Negative Signal Capability
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSA321 Datasheet(HTML) 4 Page - ON Semiconductor

  FSA321 Datasheet HTML 1Page - ON Semiconductor FSA321 Datasheet HTML 2Page - ON Semiconductor FSA321 Datasheet HTML 3Page - ON Semiconductor FSA321 Datasheet HTML 4Page - ON Semiconductor FSA321 Datasheet HTML 5Page - ON Semiconductor FSA321 Datasheet HTML 6Page - ON Semiconductor FSA321 Datasheet HTML 7Page - ON Semiconductor FSA321 Datasheet HTML 8Page - ON Semiconductor FSA321 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSA321
• Rev.1.0.6
3
Functional Description
The FSA321 is a combined USB and audio switch that
enables sharing the D+/D- lines of a USB connector with
stereo audio CODEC outputs. The USB Sel pin has an
internal pull-down resistor that results in a default audio-
mode configuration. The switch can be configured for
auto USB detection by connecting the VBUS pin to the
USB Sel pin. The audio switch path also handles
negative signals, eliminating the need for large coupling
capacitors and greatly reducing the potential for audio
pop. Termination resistors on the audio R and L ports
are enabled when the switch is in USB mode, this also
helps reduce audio pop when enabling the audio path.
The FSA321 allows for an audio override state by
forcing A/LP Sel high when USB Sel is high. This is
useful for USB car kit applications or if the device is in a
cradle charger
when “Send/End” is pressed.
Application Diagram
USB 2.0
Hi-Speed
Controller
Audio
CODEC
FSA321
D+
D-
R
L
D+/R
D-/L
USB Sel
VCC
0.1µF
Figure 3. Typical Application Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com