Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSA321 Datasheet(PDF) 8 Page - ON Semiconductor

Part # FSA321
Description  Audio Switches with Negative Signal Capability
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSA321 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button FSA321 Datasheet HTML 4Page - ON Semiconductor FSA321 Datasheet HTML 5Page - ON Semiconductor FSA321 Datasheet HTML 6Page - ON Semiconductor FSA321 Datasheet HTML 7Page - ON Semiconductor FSA321 Datasheet HTML 8Page - ON Semiconductor FSA321 Datasheet HTML 9Page - ON Semiconductor FSA321 Datasheet HTML 10Page - ON Semiconductor FSA321 Datasheet HTML 11Page - ON Semiconductor FSA321 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSA321
• Rev.1.0.6
7
USB High-Speed-Related AC Electrical Characteristics
Symbol
Parameter
VCC (V)
Conditions
TA = - 40°C to +85°C
Unit
Min.
Typ.
Max.
tSK(o)
Channel-to-Channel Skew
(9)
(USB Mode)
3.3
tR = tF = 750ps
(10-90%) at 240MHz CL =
0pF, RL =
50Ω
Figure 11
35
ps
tSK(P)
Skew of Opposite Transitions
of the Same Output
(9)
(USB Mode)
3.3
tR = tF = 750ps (10-90%) at
240MHz CL = 0pF, RL =
50Ω
Figure 10
35
ps
tJ
Total Jitter
(9)
(USB Mode)
3.3
RL
= 50Ω, CL = 50pF, tR = tF =
500ps (10-90%) at 480Mbps
(PRBS = 2
15
– 1)
130
ps
Note:
9.
Guaranteed by characterization, not production tested.
Capacitance
Symbol
Parameter
VCC (V)
Conditions
TA = - 40°C to +85°C
Unit
Min.
Typ.
Max.
CIN
Control Pin Input Capacitance
1.8 to 4.3 VBias = 0.2V
2.0
pF
CON(D+/R, D-/L)
D+/R, D-/L On Capacitance
(USB Mode)
1.8 to 4.3
VBias = 0.2V, f = 240MHz,
Figure 13
5.4
pF
1.8 to 5.5
VBias = 0.2V, f = 1MHz,
Figure 13
6.0
pF
COFF(D+, D-)
USB Path Off Capacitance
1.8 to 4.3 f = 1MHz, Figure 12
1.6
pF
COFF(R/L)
Audio Path Off Capacitance
1.8 to 4.3 f = 1MHz, Figure 12
3.5
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com