Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSA321 Datasheet(PDF) 2 Page - ON Semiconductor

Part # FSA321
Description  Audio Switches with Negative Signal Capability
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSA321 Datasheet(HTML) 2 Page - ON Semiconductor

  FSA321 Datasheet HTML 1Page - ON Semiconductor FSA321 Datasheet HTML 2Page - ON Semiconductor FSA321 Datasheet HTML 3Page - ON Semiconductor FSA321 Datasheet HTML 4Page - ON Semiconductor FSA321 Datasheet HTML 5Page - ON Semiconductor FSA321 Datasheet HTML 6Page - ON Semiconductor FSA321 Datasheet HTML 7Page - ON Semiconductor FSA321 Datasheet HTML 8Page - ON Semiconductor FSA321 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
March 2013
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSA321
• Rev 1.0.6
FSA321
— USB2.0 Hi-Speed (480Mbps) and
Audio Switches with Negative Signal Capability and
Built-in Termination on Unselected Audio Paths
Features
Audio: 1.8 Typical On Resistance
HS-USB: 8 Typical On Resistance
HS-USB: 5pF Typical On Capacitance
USB Path -3db Bandwidth: > 720MHz
Negative Swing Capable Audio Channel
Power-off Protection on Common D+/R, D-/L Ports
Automatic USB Detection (Configurable)
OVT on all I/O Ports
Flow-Through Pin Out Eliminates PCB Vias
Built-In Termination on Unselected Audio Paths
to Inhibit Audio Pop
Applications
MP3, Cell Phone, PDA, Digital Camera, and
Notebook
LCD Monitor, TV, and Set-Top Box
Description
The FSA321 is a Double-Pole, Double Throw (DPDT)
multiplexer that combines a low-distortion audio and a
USB2.0 High-Speed (HS) switch path. This configuration
enables audio and USB data to share a common
connector port. The architecture is designed to allow
audio signals to swing below ground. This means a
common USB and headphone jack can be used for
personal media players and portable peripheral devices.
Since USB2.0 is an industry standard for shared data-
path in portable devices, FSA321 can be configured for
automatic VBUS detection. The FSA321 includes a
power-off feature as well as over-voltage tolerance to
minimize current consumption when VSW exceeds VCC.
Typical applications involve switching in portables and
consumer applications, such as cell phones, digital
cameras, and notebooks with hubs or controllers.
.
Ordering Information
Part Number
Package
Number
Top Mark
Package Description
FSA321UMX
MLP010A
GL
10-Lead Quad, Ultrathin Molded Leadless Package (MLP), 1.4 x 1.8mm
Figure 1. Analog Symbol



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com