Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSA3000 Datasheet(PDF) 5 Page - ON Semiconductor

Part # FSA3000
Description  Two-Port, High-Speed, MHL Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSA3000 Datasheet(HTML) 5 Page - ON Semiconductor

  FSA3000 Datasheet HTML 1Page - ON Semiconductor FSA3000 Datasheet HTML 2Page - ON Semiconductor FSA3000 Datasheet HTML 3Page - ON Semiconductor FSA3000 Datasheet HTML 4Page - ON Semiconductor FSA3000 Datasheet HTML 5Page - ON Semiconductor FSA3000 Datasheet HTML 6Page - ON Semiconductor FSA3000 Datasheet HTML 7Page - ON Semiconductor FSA3000 Datasheet HTML 8Page - ON Semiconductor FSA3000 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSA3000 • Rev. 1.10
4
DC Electrical Characteristics
All typical value are at TA=25°C unless otherwise specified.
Symbol
Parameter
Condition
VCC (V)
TA= -40ºC to +85ºC
Unit
Min.
Typ.
Max.
VIK
Clamp Diode Voltage
IIN=-18 mA
2.7
-1.2
V
VIH
Control Input Voltage High
SEL, /OE
2.7 to 4.3
1.25
V
VIL
Control Input Voltage Low
SEL, /OE
2.7 to 4.3
0.6
V
IIN
Control Input Leakage
VSW=0 to 3.6 V,
VCNTRL=0 to VCC
4.3
-500
500
nA
IOZ(MHL)
Off-State Leakage for Open
MHLn Data Paths
VSW=1.65 MHL 3.45 V
4.3
-500
500
nA
IOZ(USB)
Off-State Leakage for Open
USBn Data Paths
VSW=0 USB 3.6 V
4.3
-500
500
nA
ICL(MHL)
On-State Leakage for Closed
MHLn Data Paths
(6)
VSW=1.65 MHL 3.45 V
4.3
-500
500
nA
ICL(USB)
On-State Leakage for Closed
USBn Data Paths
(6)
VSW=0 USB 3.6 V
4.3
-500
500
nA
IOFF
Power-Off Leakage Current
(All I/O Ports)
VSW=0 V or 3.6 V, Figure 4
0
-500
500
nA
RON(USB)
HS Switch On Resistance
(USB to Dn Path)
VSW=0.4 V, ION=-8 mA,
Figure 3
2.7
3.5
4.8

RON(MHL)
HS Switch On Resistance
(MHL to Dn Path)
VSW=VCC-1050 mV,
ION=-8 mA, Figure 3
2.7
4.7
6.0

RON(MHL)
Difference in RON Between
MHL Positive-Negative
VSW=VCC-1050 mV,
ION=-8 mA, Figure 3,
2.7
0.03

RON(USB)
Difference in RON Between
USB Positive-Negative
VSW=0.4V, ION=-8mA,
Figure 3
2.7
0.18

RONF(MHL) Flatness for RON MHL Path
VSW=1.65 to 3.45 V,
ION=-8 mA, Figure 3
2.7
0.9

ICC
Quiescent Supply Current
V/OE=0, VSEL=0 or VCC,
IOUT=0
4.3
30
µA
ICCZ
Quiescent Supply Current
(High Impedance)
VSEL=X, V/OE=VCC,
IOUT=0
4.3
1
µA
ICCT
Increase in Quiescent Supply
Current
VSEL=X, V/OE =1.65 V
4.3
5
10
µA
Note:
6.
For this test, the data switch is closed with the respective switch pin floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com