Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSA3000 Datasheet(PDF) 7 Page - ON Semiconductor

Part # FSA3000
Description  Two-Port, High-Speed, MHL Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSA3000 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button FSA3000 Datasheet HTML 3Page - ON Semiconductor FSA3000 Datasheet HTML 4Page - ON Semiconductor FSA3000 Datasheet HTML 5Page - ON Semiconductor FSA3000 Datasheet HTML 6Page - ON Semiconductor FSA3000 Datasheet HTML 7Page - ON Semiconductor FSA3000 Datasheet HTML 8Page - ON Semiconductor FSA3000 Datasheet HTML 9Page - ON Semiconductor FSA3000 Datasheet HTML 10Page - ON Semiconductor FSA3000 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSA3000 • Rev. 1.10
6
USB High-Speed AC Electrical Characteristics
Typical values are for VCC=3.3 V and TA=25°C unless otherwise specified.
Symbol
Parameter
Condition
VCC (V)
Typ.
Unit
tSK(P)
Skew of Opposite Transitions of the
Same Output
(8)
CL=5 pF, RL=50
Ω, Figure 8
3.0 to 3.6
6
ps
tJ
Total Jitter
(8)
RL=50
Ω, CL=5 pf,
tR=tF=500 ps (10-90%) at
480 Mbps, PN7
3.0 to 3.6
15
ps
Note:
8.
Guaranteed by characterization.
MHL AC Electrical Characteristics
Typical values are for VCC=3.3 V and TA=25°C unless otherwise specified.
Symbol
Parameter
Condition
VCC (V)
Typ.
Unit
tSK(P)
Skew of Opposite Transitions of the
Same Output
(9)
RPU=50 to VCC, CL=0 pF
3.0 to 3.6 V
6
ps
tJ
Total Jitter
(9)
f=2.25 Gbps, PN7,
RPU=50 to VCC, CL=0 pF
3.0 to 3.6 V
15
ps
Note:
9.
Guaranteed by characterization.
Capacitance
Typical values are for VCC=3.3 V and TA=25°C unless otherwise specified.
Symbol
Parameter
Condition
Typ.
Max.
Unit
CIN
Control Pin Input Capacitance
(10)
VCC=0 V, f=1 MHz
2.1
pF
CON(USB)
USB Path On Capacitance
(10)
VCC=3.3 V, f=240 MHz, Figure 14
4.1
5.0
pF
COFF(USB)
USB Path Off Capacitance
(10)
VCC=3.3 V, f=240 MHz, Figure 13
2.8
3.2
pF
CON(MHL)
MHL Path On Capacitance
(10)
VCC=3.3 V, f=240 MHz, Figure 14
2.7
3.0
pF
COFF(MHL)
MHL Path Off Capacitance
(10)
VCC=3.3 V, f=240 MHz, Figure 13
1.1
1.5
pF
Note:
10. Guaranteed by characterization, not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com