Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSA3000 Datasheet(PDF) 2 Page - ON Semiconductor

Part # FSA3000
Description  Two-Port, High-Speed, MHL Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSA3000 Datasheet(HTML) 2 Page - ON Semiconductor

  FSA3000 Datasheet HTML 1Page - ON Semiconductor FSA3000 Datasheet HTML 2Page - ON Semiconductor FSA3000 Datasheet HTML 3Page - ON Semiconductor FSA3000 Datasheet HTML 4Page - ON Semiconductor FSA3000 Datasheet HTML 5Page - ON Semiconductor FSA3000 Datasheet HTML 6Page - ON Semiconductor FSA3000 Datasheet HTML 7Page - ON Semiconductor FSA3000 Datasheet HTML 8Page - ON Semiconductor FSA3000 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
January 2016
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSA3000 • Rev. 1.10
FSA3000
— Two-Port, High-Speed, MHL™ Switch
Features
Low On Capacitance: 2.7 pF/4.1 pF MHL/USB
(Typical)
Low Power Consumption: 30 μA Maximum
MHL Data Rate: 4.92 Gbps (f
3dB = 2.46 GHz)
Packaged in 10-Lead MicroPak™
Over-Voltage Tolerance (OVT) on all USB and MHL
Ports; Up to 5.25 V without External Components
Applications
Cell Phones and Digital Cameras
Description
The FSA3000 is a bi-directional, low-power, two-port,
high-speed, USB2.0 and video data switch that supports
the Mobile High-Definition Link (MHL) Specification Rev.
2.0. Configured as a double-pole, double-throw (DPDT)
switch for data, FSA3000 is optimized for USB2.0 and
MHL data sources.
The FSA3000 contains circuitry on the switch I/O pins
that allows the device to withstand an over-voltage
condition in applications where the VCC supply is powered
off
(VCC=0).
The
FSA3000
minimizes
current
consumption even when the voltage applied to the control
pins is lower than the supply voltage (VCC). This feature is
especially valuable in mobile applications, such as cell
phones; allowing direct interface with the general-purpose
I/Os of the baseband processor. Other applications
include switching and connector sharing in portable cell
phones, digital cameras, and notebook computers.
Ordering Information
Part Number
Top Mark
Operating
Temperature Range
Package
FSA3000L10X
LK
-40 to +85°C
10-Lead, MicroPak
TM 1.6 x 2.1 mm JEDEC MO255B
FSA3000L10X_F131
LK
10-Lead, MicroPak
TM 1.6 x 2.1 mm JEDEC MO255B,
Package Rotated 90° in Tape and Reel
Figure 1. Analog Symbol
All trademarks are the property of their respective owners.
U SB +
M H L +
U S B -
M H L -
D -
D +
C o n tro l
S e l
/O E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com