Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1069 Datasheet(PDF) 3 Page - NEC

Part # 2SA1069
Description  2SA1069 2SA1069A
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SA1069 Datasheet(HTML) 3 Page - NEC

  2SA1069 Datasheet HTML 1Page - NEC 2SA1069 Datasheet HTML 2Page - NEC 2SA1069 Datasheet HTML 3Page - NEC 2SA1069 Datasheet HTML 4Page - NEC 2SA1069 Datasheet HTML 5Page - NEC 2SA1069 Datasheet HTML 6Page - NEC 2SA1069 Datasheet HTML 7Page - NEC 2SA1069 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2SA1069,1069A
データ・シート D14855JJ3V0DS00
3
特性曲線(TA = 25
°°°°C)
TOTAL POWER DISSIPATION vs. CASE
TEMPERATURE
ケース温度 TC (˚C)
0
−25
100
50
150
50
40
30
20
10
0
FORWARD BIAS SAFE OPERATING AREA
−10
−100
−1000
−1
コレクタ - エミッタ間電圧 VCE (V)
−30
−10
−1
−0.1
−0.03
Single Pulse
PW
=30
µs
100
µs
300
µs
1 ms
10
ms
100
ms
Dissipation
Limited
2SA1069
2SA1069A
IC(pulse)
IC(DC)
DERATING CURVE OF SAFE OPERATING AREA
ケース温度 TC (˚C)
0
50
100
150
100
80
60
40
20
0
s/b
Limited
Dissipation
Limited
TRANSIENT THERMAL RESISTANCE
パルス幅 PW (ms)
1
0.01
0.1
1
0.01
0.1
10
10
100
VCE =
−20 V
⊿Tj = 50 ˚C
REVERSE BIAS SAFE OPERATING AREA
0
−40
−80
−120
−10
−8
−6
−4
−2
0
2SA1069
2SA1069A
コレクタ - エミッタ間電圧 VCE (V)
COLLECTOR CURRENT vs. COLLECTOR TO
EMITTER VOLTAGE
0
−2
−1
−3
−4
−5
−5
−4
−3
−2
−1
0
−20 mA
−30 mA
−40 mA
コレクタ - エミッタ間電圧 VCE (V)
IB =
−10 mA
−80 mA
−90 mA
−50 mA
−60 mA
−70 mA
−100 mA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com