Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1069 Datasheet(PDF) 4 Page - NEC

Part # 2SA1069
Description  2SA1069 2SA1069A
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SA1069 Datasheet(HTML) 4 Page - NEC

  2SA1069 Datasheet HTML 1Page - NEC 2SA1069 Datasheet HTML 2Page - NEC 2SA1069 Datasheet HTML 3Page - NEC 2SA1069 Datasheet HTML 4Page - NEC 2SA1069 Datasheet HTML 5Page - NEC 2SA1069 Datasheet HTML 6Page - NEC 2SA1069 Datasheet HTML 7Page - NEC 2SA1069 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2SA1069,1069A
データ・シート D14855JJ3V0DS00
4
DC CURRENT GAIN vs. COLLECTOR CURRENT
コレクタ電流 IC (A)
10
1
−0.01
100
1000
−0.1
−10
−1
VCE =
−5.0 V
パルス測定
TA = 125˚C
75˚C
25˚C
−25˚C
COLLECTOR AND BASE SATURATION
コレクタ電流 IC (A)
−0.1
−0.01
−0.01
−1.0
−10
−0.1
−10
−1
IC = 10 A
・IB
パルス測定
VOLTAGE vs. COLLECTOR CURRENT
VBE(sat)
VCE(sat)
TURN ON TIME, STORAGE TIME AND FALL TIME
コレクタ電流 IC (A)
0.1
0.01
1.0
10
−0.1
−0.5
−10
−1
−5
IC = 10
・IB1 =
−10・IB2
vs. COLLECTOR CURRENT
tf
tstg
ton



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com