Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P1696G-50-SH2-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # P1696G-50-SH2-R
Description  200KHZ, 2A PWM STEP-DOWN DC/DC CONVERTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

P1696G-50-SH2-R Datasheet(HTML) 1 Page - Unisonic Technologies

  P1696G-50-SH2-R Datasheet HTML 1Page - Unisonic Technologies P1696G-50-SH2-R Datasheet HTML 2Page - Unisonic Technologies P1696G-50-SH2-R Datasheet HTML 3Page - Unisonic Technologies P1696G-50-SH2-R Datasheet HTML 4Page - Unisonic Technologies P1696G-50-SH2-R Datasheet HTML 5Page - Unisonic Technologies P1696G-50-SH2-R Datasheet HTML 6Page - Unisonic Technologies P1696G-50-SH2-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
P1696
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 7
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R103-035.H
200KHZ, 2A PWM STEP-DOWN
DC/DC CONVERTER
DESCRIPTION
The UTC P1696 series is a step-down switching regulator able to
provide 2A output current. The available output voltages are 2.5V
3.3V, 5V, 12V, and an adjustable output version.
FEATURES
*Output load current: 2A
*Adjustable version output voltage range, 1.23V ~ 17.5V±4%
*Operating voltage can be up to 24V
*Low power standby mode
*High efficiency
*Internal OCP and OTP
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
P1696L-xx-S08-T
P1696G-xx-S08-T
SOP-8
Tube
P1696L-xx-S08-R
P1696G-xx-S08-R
SOP-8
Tape Reel
P1696L-xx-SH2-R
P1696G-xx-SH2-R
HSOP-8
Tape Reel


Similar Part No. - P1696G-50-SH2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
P1696G-XX-S08-R UTC-P1696G-XX-S08-R Datasheet
223Kb / 7P
150KHZ, 2A PWM STEP-DOWN DC/DC CONVERTER
P1696G-XX-S08-R UTC-P1696G-XX-S08-R Datasheet
223Kb / 7P
200KHZ, 2A PWM STEP-DOWN DC/DC CONVERTER
P1696G-XX-SH2-R UTC-P1696G-XX-SH2-R Datasheet
223Kb / 7P
150KHZ, 2A PWM STEP-DOWN DC/DC CONVERTER
P1696G-XX-SH2-R UTC-P1696G-XX-SH2-R Datasheet
223Kb / 7P
200KHZ, 2A PWM STEP-DOWN DC/DC CONVERTER
More results

Similar Description - P1696G-50-SH2-R

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC2612 SEMTECH-SC2612 Datasheet
453Kb / 12P
600kHz/200kHz Step-Down DC/DC Converter
logo
Unisonic Technologies
P1696 UTC-P1696 Datasheet
112Kb / 7P
150KHZ, 2A PWM STEP-DOWN DC/DC CONVERTER
logo
GTM CORPORATION
GSC2596M GTM-GSC2596M Datasheet
648Kb / 6P
150 KHz, 2A PWM Step-Down DC/DC Converter
logo
Anachip Corp
AP1502 ANACHIP-AP1502 Datasheet
119Kb / 5P
200KHZ, 2A PWM BUCK DC/DC CONVERTER & 1 LINEAR CTRL
logo
ACE Technology Co., LTD...
ACE150X ACE-ACE150X Datasheet
714Kb / 13P
150KHz,2A, PWM Step-Down DC/DC Converter
VER 1.2
logo
Unisonic Technologies
P1696 UTC-P1696_11 Datasheet
223Kb / 7P
150KHZ, 2A PWM STEP-DOWN DC/DC CONVERTER
P1696_1109 UTC-P1696_1109 Datasheet
223Kb / 7P
200KHZ, 2A PWM STEP-DOWN DC/DC CONVERTER
logo
ACE Technology Co., LTD...
ACE722 ACE-ACE722 Datasheet
535Kb / 8P
2A Step-down DC-DC Converter
VER 1.6
logo
Richtek Technology Corp...
RT8058A RICHTEK-RT8058A Datasheet
285Kb / 14P
1.2MHz, 2A, High Efficiency PWM Step-Down DC/DC Converter
logo
ARTSCHIP ELECTRONICS CO...
MPS1410 ARTSCHIP-MPS1410 Datasheet
350Kb / 7P
2A Step Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com