Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSSD07 Datasheet(PDF) 4 Page - ON Semiconductor

Part # FSSD07
Description  1-Bit / 4-Bit SD/SDIO and MMC Dual-Host Multiplexer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSSD07 Datasheet(HTML) 4 Page - ON Semiconductor

  FSSD07 Datasheet HTML 1Page - ON Semiconductor FSSD07 Datasheet HTML 2Page - ON Semiconductor FSSD07 Datasheet HTML 3Page - ON Semiconductor FSSD07 Datasheet HTML 4Page - ON Semiconductor FSSD07 Datasheet HTML 5Page - ON Semiconductor FSSD07 Datasheet HTML 6Page - ON Semiconductor FSSD07 Datasheet HTML 7Page - ON Semiconductor FSSD07 Datasheet HTML 8Page - ON Semiconductor FSSD07 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSSD07 Rev. 1.0.2
3
Typical Application
Figure 4. Typical Application Diagram
CMD, DAT[3:0]
5
1.65V to 3.6V
Processor #1
VDDC
GND
OE
S
FSSD07
CLK
1.65V to 3.6V
WiFi,
Bluetooth,
MMC or SD
Peripheral
VDDH1
5
1CMD, 1DAT[3:0]
1CLK
R
CMD , RDAT[3:0]
VDDH2
5
2CMD, 2DAT[3:0]
2CLK
Secure Data/
Multi Media Card
Dual Host Selector
SD Card
R
1CMD, 2CMD = 10k to 100k ohm
R
1DAT[3:0] , 2DAT[3:0] = 10k to 100k ohm
MMC Card
R
1CMD, 2CMD = 4.7k to 100k ohm
R
1DAT[3:0], 2DAT[3:0] = 50k to 100k ohm
1.65V to 3.6V
Processor #2
CMD, DAT[3:0]
5
1.65V to 3.6V
Processor #1
VDDC
GND
OE
S
FSSD07
CLK
1.65V to 3.6V
WiFi,
Bluetooth,
MMC or SD
Peripheral
VDDH1
5
1CMD, 1DAT[3:0]
1CLK
R
CMD , RDAT[3:0]
VDDH2
5
2CMD, 2DAT[3:0]
2CLK
Secure Data/
Multi Media Card
Dual Host Selector
SD Card
R
1CMD, 2CMD = 10k to 100k ohm
R
1DAT[3:0] , 2DAT[3:0] = 10k to 100k ohm
MMC Card
R
1CMD, 2CMD = 4.7k to 100k ohm
R
1DAT[3:0], 2DAT[3:0] = 50k to 100k ohm
1.65V to 3.6V
Processor #2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com