Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSSD07 Datasheet(PDF) 2 Page - ON Semiconductor

Part # FSSD07
Description  1-Bit / 4-Bit SD/SDIO and MMC Dual-Host Multiplexer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSSD07 Datasheet(HTML) 2 Page - ON Semiconductor

  FSSD07 Datasheet HTML 1Page - ON Semiconductor FSSD07 Datasheet HTML 2Page - ON Semiconductor FSSD07 Datasheet HTML 3Page - ON Semiconductor FSSD07 Datasheet HTML 4Page - ON Semiconductor FSSD07 Datasheet HTML 5Page - ON Semiconductor FSSD07 Datasheet HTML 6Page - ON Semiconductor FSSD07 Datasheet HTML 7Page - ON Semiconductor FSSD07 Datasheet HTML 8Page - ON Semiconductor FSSD07 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
March 2012
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSSD07 Rev. 1.0.2
FSSD07
1-Bit / 4-Bit SD/SDIO and MMC Dual-Host Multiplexer
Features
On Resistance: 5Ω Typical, V
DDC=2.7V
f
toggle: >75MHz
Low On Capacitance: 6pF Typical
Low Power Consumption: 2µA Maximum
Supports Secure Digital (SD), Secure Digital I/O
(SDIO), and Multimedia Card (MMC) Specifications
Supports 1-Bit / 4-Bit Host Controllers (V
DDH1/H2=1.65V
to 3.6V) Communicating with
High-Voltage (2.7-3.6V) and Dual-Voltage Cards
(1.65-1.95V, 2.7-3.6V)
-
VDDC=1.65 to 3.6V, VDDH1/H2=1.65 to 3.6V
24-Lead MLP and UMLP Packages
Applications
Cell Phone, PDA, Digital Camera, Portable GPS, and
Notebook Computer
LCD Monitor, TV, and Set-Top Box
Related Resources
FSSD07 Evaluation Board
Evaluation Board Users Guide
For samples, questions, or board requests; please
contact analogswitch@fairchildsemi.com
Description
The FSSD07 is a 2:1 multiplexer that allows dual Secure
Digital (SD), Secure Digital I/O (SDIO), and Multimedia
Card (MMC) host controllers to share a common
peripheral. The host controllers can be equal to, greater
than, or less than peripheral card supply with minimal
power consumption. This configuration enables dual
host CMD, CLK, and D[3:0] signals to be multiplexed to
a common peripheral.
The architecture includes the necessary bi-directional
data and command transfer capability for single high-
voltage cards or dual-voltage supply cards. The clock
path is a uni-directional buffer.
Typical applications involve switching in portables and
consumer applications: cell phones, digital cameras,
home theater monitors, set-top boxes, and notebooks.
Figure 1. Analog Symbol Diagram
Ordering Information
Part
Number
Top
Mark
Operating
Temperature Range
Package Description
Packing
Method
FSSD07BQX
FSSD07
-40°C to +85°C
24-Lead Molded Leadless Package (MLP), JEDEC
MO-220, 3.5 x 4.5mm
Tape &
Reel
FSSD07UMX
JK
-40°C to +85°C
24-Lead Ultra-thin Molded Leadless Package
(UMLP), 0.4mm pitch
Tape &
Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com