Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSSD07 Datasheet(PDF) 8 Page - ON Semiconductor

Part # FSSD07
Description  1-Bit / 4-Bit SD/SDIO and MMC Dual-Host Multiplexer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSSD07 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button FSSD07 Datasheet HTML 4Page - ON Semiconductor FSSD07 Datasheet HTML 5Page - ON Semiconductor FSSD07 Datasheet HTML 6Page - ON Semiconductor FSSD07 Datasheet HTML 7Page - ON Semiconductor FSSD07 Datasheet HTML 8Page - ON Semiconductor FSSD07 Datasheet HTML 9Page - ON Semiconductor FSSD07 Datasheet HTML 10Page - ON Semiconductor FSSD07 Datasheet HTML 11Page - ON Semiconductor FSSD07 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSSD07 Rev. 1.0.2
7
DC Electrical Characteristics at 2.7V VDDC
All typical values are for VDDC=2.7V at 25°C unless otherwise specified.
Symbol
Parameter
VDDC (V)
VDDH1 /
VDDH2 (V)
Conditions
TA=-40 to +85°C
Unit
Min.
Typ.
Max.
Common Pins
VIK
Clamp Diode Voltage
2.7
2.7
IIK=-18mA
-1.2
V
VIH
Control Input Voltage
High
2.7
2.7
1.8
VIL
Control Input Voltage
Low
2.7
2.7
0.8
IIN
S, OE Input High Current
3.6
3.6
VCNTRL=0V to VDDC
-1
1
µA
IOZ
Off Leakage Current of
all Ports
3.6
3.6
VSW=0V to VDDC
-1.0
0.5
1.0
µA
VOHC
CLK Output Voltage
High
(6)
2.7
2.7
IOH=-2mA
2.4
V
VOLC
CLK Output Voltage
Low
(6)
3.6
3.6
IOL=-2mA
90
mV
RON
Switch On Resistance
(7)
2.7
2.7
VCMD, DAT[3:0]=0V,
ION=-2mA
Figure 5
5.0
8.0
Ω
∆R
ON
Delta On Resistance
(6, 8)
2.7
2.7
VCMD, DAT[3:0]=0V,
ION=- 2mA
0.8
Ω
Power Supply
ICC(VDDC)
Quiescent Supply Current
(Card)
3.6
0
VSW=0 or VDDC, IOUT=0
2
µA
ICC
(VDDH1/C2)
Quiescent Supply Current
(Hosts)
3.6
3.6
VSW=0 or VDDx, IOUT=0,
VCLKI=VDDHX, VCLKO=Open,
OE=VDDC
2
µA
∆I
HOST
Delta ICC(VDDH1, VDDH2) for
One Card Powered Off
3.6
3.6 / 0
0 / 3.6
VSW=0 or VDDx, IOUT=0,
VCLKI=VDDHX, VCLKO=Open,
OE=VDDC
2
µA
Notes:
6.
Guaranteed by characterization, not production tested.
7.
On resistance is determined by the voltage drop between the switch I/O pins at the indicated current through the
switch.
8.
∆ R
ON=RON max – RON min measured at identical VCC, temperature, and voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com