Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSA641 Datasheet(PDF) 4 Page - ON Semiconductor

Part # FSA641
Description  2:1 MIPI Switch, Featuring 2-Data and 1-Data Lane Configuration
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSA641 Datasheet(HTML) 4 Page - ON Semiconductor

  FSA641 Datasheet HTML 1Page - ON Semiconductor FSA641 Datasheet HTML 2Page - ON Semiconductor FSA641 Datasheet HTML 3Page - ON Semiconductor FSA641 Datasheet HTML 4Page - ON Semiconductor FSA641 Datasheet HTML 5Page - ON Semiconductor FSA641 Datasheet HTML 6Page - ON Semiconductor FSA641 Datasheet HTML 7Page - ON Semiconductor FSA641 Datasheet HTML 8Page - ON Semiconductor FSA641 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSA641 • Rev. 1.0.5
3
Pin Configuration
Figure 2. Functional Block Diagram
Figure 3. Pin Assignments (Top Through View)
Pin Descriptions
Pin #
Pin Name
Type
Description
20
CLKP
I/O
Common positive clock path
1
CLKN
I/O
Common negative clock path
2
D1P
I/O
Common positive data 1 path
3
D1N
I/O
Common negative data 1 path
4
D2P
I/O
Common positive data 2 path
5
D2N
I/O
Common negative data 2 path
15
CLKAP
I/O
A-port positive clock path
14
CLKAN
I/O
A-port negative clock path
13
DA1P
I/O
A-port positive data 1 path
12
DA1N
I/O
A-port negative data 1 path
11
DA2P
I/O
A-port positive data 2 path
10
DA2N
I/O
A-port negative data 2 path
18
CLKBP
I/O
B-port positive clock path
19
CLKBN
I/O
B-port negative clock path
16
DB1P
I/O
B-port positive data 1 path
17
DB1N
I/O
B-port negative data 1 path
6
/OE
Input
Output Enable (Active Low)
7
GND
Ground
Ground
8
VCC
Supply
Power; 0.1 µF decoupling capacitor to ground recommended
9
SEL
Input
A-port or B-port Select pin
0=A-port, 1= B-port
Paddle
n/a
NC
Not Connected
Truth Table
SEL
/OE
Function
Don’t Care
HIGH
Disconnect
LOW
LOW
D1, D2, CLK=DA1, DA2, CLKA
HIGH
LOW
D1, CLK=DB1, CLKB; D2 OPEN
D 2 P
D 2N
D 1 P
D 1N
C L K P
C L K N
S w itc h
C on tro l
C L KA P
C L KA N
DA 1 P
DA 1 N
DA 2 P
DA 2 N
C L KB P
C L KB N
DB 1 P
DB 1 N
F S A 64 1
VCC
G N D
/O E
SE L
0.1µF
1 0
9
8
7
6
1 1
1 2
1 3
1 4
1 5
5
4
3
2
1
1 6
1 7
1 8
1 9
2 0
D 2 N
D 2 P
D 1 N
D 1 P
C L K N
/O E
G N D
VC C
SE L
D A 2 N
D A 2 P
D A 1 N
D A 1 P
C L K A N
C L K A P
C L K P
C L KB N
C L KB P
DB 1 N
DB 1 P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com