Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSA641 Datasheet(PDF) 8 Page - ON Semiconductor

Part # FSA641
Description  2:1 MIPI Switch, Featuring 2-Data and 1-Data Lane Configuration
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSA641 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button FSA641 Datasheet HTML 4Page - ON Semiconductor FSA641 Datasheet HTML 5Page - ON Semiconductor FSA641 Datasheet HTML 6Page - ON Semiconductor FSA641 Datasheet HTML 7Page - ON Semiconductor FSA641 Datasheet HTML 8Page - ON Semiconductor FSA641 Datasheet HTML 9Page - ON Semiconductor FSA641 Datasheet HTML 10Page - ON Semiconductor FSA641 Datasheet HTML 11Page - ON Semiconductor FSA641 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSA641 • Rev. 1.0.5
7
Test Diagrams
Figure 4. On Resistance
Figure 5. Off Leakage
Figure 6. AC Test Circuit Load
Figure 7. Turn-On / Turn-Off Waveforms
Figure 8. Propagation Delay (tRtF – 500 ps)
Figure 9. Channel-to-Channel Skew
Figure 10. Channel Off Capacitance
Figure 11. Channel On Capacitance
Select
Dn
VSel= 0 orVcc
I
ON
V
ON
RON= VON/ ION
GND
VSW
GND
SW
DA/Bn
Select
VSel= 0 orVcc
NC
A
I
Dn(OFF)
VSW
GND
V
Vcc
**Each switch port is tested separately
t
RISE = 2.5ns
GND
V
CC
90%
90%
10%
10%
t
FALL = 2.5ns
V
CC /2
V
CC /2
Input – V
/OE , VSel
Output- V
OUT
90%
V
OH
VOL
t
ON
t
OFF
90%
V
– V
V
–
Input
Output
VOH
VOL
50%
50%
50%
50%
400mV
tPHL
tPLH
0V
VSEL =0 or V
CC
DA/Bn
S
DA/Bn
Capacitance
Meter
Capacitance
Meter
S
DA/Bn
DA/Bn
VSEL =0 or VCC
R
L , R
S , an
C
L ar
fu ctions of th ap lication
environment (se AC Tables for spe ific v lues)
C
L inclu es test fixture an
stra capacitance
RL
CL
Dn
GND
GN D
RS
VSel
VSW
GND
V
OUT
V
OUT
DA B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com