Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSA641 Datasheet(PDF) 2 Page - ON Semiconductor

Part # FSA641
Description  2:1 MIPI Switch, Featuring 2-Data and 1-Data Lane Configuration
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSA641 Datasheet(HTML) 2 Page - ON Semiconductor

  FSA641 Datasheet HTML 1Page - ON Semiconductor FSA641 Datasheet HTML 2Page - ON Semiconductor FSA641 Datasheet HTML 3Page - ON Semiconductor FSA641 Datasheet HTML 4Page - ON Semiconductor FSA641 Datasheet HTML 5Page - ON Semiconductor FSA641 Datasheet HTML 6Page - ON Semiconductor FSA641 Datasheet HTML 7Page - ON Semiconductor FSA641 Datasheet HTML 8Page - ON Semiconductor FSA641 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
June 2014
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSA641 • Rev. 1.0.5
FSA641 — 2:1 MIPI Switch, Featuring 2-Data and 1-Data
Lane Configuration
Features
Switch Type: 2:1
Signal Types MIPI, DPHY
V
CC: 2.65 to 4.3 V
Input Signals 0 to V
CC
R
ON:
- 7
Ω Typical HS MIPI
- 10
Ω Typical LS MIPI
∆R
ON: 0.75
Ω Typical HS & LS MIPI
I
CC: 1 µA Maximum
O
IRR: -50 dB Typical
X
TALK: -40 dB Typical
Bandwidth: 1 GHz Typical
Channel-to-Channel Skew: 15 ps Typical
C
ON: 8 pF Typical
Package 20-Lead UMLP
Applications
Cellular Phones, Smartphones
Displays
Description
The FSA641 is a 2:1 MIPI switch made for 2-data lane
and 1-data lane modules. This part is configured as a
single-pole, double-throw switch (SPDT) and is optimized
for switching between two high-speed or low-power MIPI
sources. The FSA641 has specially been designed for the
MIPI specification and allows connection to either a CSI
or DSI module. The FSA641 features an extremely low on
capacitance (CON) of 8 pF. The wide bandwidth (1 GHz)
results
in
signals
with
minimum
edge
and
phase
distortion.
Superior
channel-to-channel
crosstalk
minimizes interference.
Related Resources
For samples and questions, please contact:
Analog.Switch@fairchildsemi.com.
FSA641 Demonstration Board
Ordering Information
Part
Number
Top
Mark
Operating Temperature
Range
Package
FSA641UMX
F641
-40 to +85°C
20-Lead, Quad, Ultrathin Molded Leadless Package (UMLP), 3.0 x 3.0 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com