Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6034026 Datasheet(PDF) 2 Page - SICK AG

Part # 6034026
Description  SAFETY LOCKING DEVICES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

6034026 Datasheet(HTML) 2 Page - SICK AG

  6034026 Datasheet HTML 1Page - SICK AG 6034026 Datasheet HTML 2Page - SICK AG 6034026 Datasheet HTML 3Page - SICK AG 6034026 Datasheet HTML 4Page - SICK AG 6034026 Datasheet HTML 5Page - SICK AG 6034026 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
i15-MP0123 Lock | i15 Lock
SAFETY LOCKING DEVICES
actuator not supplied with delivery
Ordering information
Type
Part no.
i15-MP0123 Lock
6034026
The actuator has to be ordered separately. See "Accessories" for further
Details.
Other models and accessories
www.sick.com/i15_Lock
Detailed technical data
Features
Number of positive action N/C solenoid
monitoring contacts
1
Number of N/O solenoid monitoring con-
tacts
0
Number of positive action N/C door moni-
toring contacts
2
Number of N/O door monitoring contacts
0
Number of N/C door monitoring contacts
0
Locking force Fmax
1,000 N (EN ISO 14119)
With straight actuator EN ISO 14119
With angled actuator EN ISO 14119
With hinged actuator EN ISO 14119
Locking force FZh
700 N (EN ISO 14119)
Actuation force
≥ 35 N
Actuation frequency
≤ 7,000 /h
Actuation directions
4
Approach speed
≤ 20 m/min
Safety-related parameters
B10d parameter
2 x 106 switching cycles (with small load)
Type
Type 2 (EN ISO 14119)
Actuator coding level
Low coding level (EN ISO 14119)
Safe state in the event of a fault
The switch has no internal fault detection and is unable to assume a safe state in the event of
a fault. Fault detection is performed by the connected safety-related logic unit.
Interfaces
Connection type
Cable gland, 1 x M20
Conductor cross-section 0.34 mm² ... 1.5 mm²
2
SAFETY SWITCHES | SICK
Online data sheet | 2018-07-20 14:43:28
Subject to change without notice



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com