Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6034026 Datasheet(PDF) 3 Page - SICK AG

Part # 6034026
Description  SAFETY LOCKING DEVICES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

6034026 Datasheet(HTML) 3 Page - SICK AG

  6034026 Datasheet HTML 1Page - SICK AG 6034026 Datasheet HTML 2Page - SICK AG 6034026 Datasheet HTML 3Page - SICK AG 6034026 Datasheet HTML 4Page - SICK AG 6034026 Datasheet HTML 5Page - SICK AG 6034026 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
i15-MP0123 Lock | i15 Lock
SAFETY LOCKING DEVICES
Electrical data
Contamination rating
3
Switching principle
Slow action switching element
Usage category
AC-15/DC-13 (IEC 60947-5-1)
Rated operating current (voltage)
4 A (230 V AC)
4 A (24 V DC)
Rated insulation voltage Ui
250 V
Rated impulse withstand voltage Uimp
2,500 V
Type of output
Electro-mechanical contacts
Power consumption
≤ 6 W
Short-circuit protection
4 A gG
Switching voltage
≥ 12 V DC
Switching current (switching voltage)
≥ 1 mA (24 V DC)
Solenoid operating voltage
(20.4 V DC ... 26.4 V DC)
Switch-on time of magnet
100 %
Locking principle
Power to release
Mechanical data
Weight
0.45 kg
Housing material
Glass-fiber reinforced thermoplastic
Actuator head material
Plastic
Mechanical life
2 x 106 switching cycles
Ambient data
Enclosure rating
IP67
Ambient operating temperature
–20 °C ... +55 °C
Storage temperature
–20 °C ... +55 °C
Classifications
ECl@ss 5.0
27272603
ECl@ss 5.1.4
27272603
ECl@ss 6.0
27272603
ECl@ss 6.2
27272603
ECl@ss 7.0
27272603
ECl@ss 8.0
27272603
ECl@ss 8.1
27272603
ECl@ss 9.0
27272603
ETIM 5.0
EC002593
ETIM 6.0
EC002593
UNSPSC 16.0901
39122205
2018-07-20 14:43:28 | Online data sheet
Subject to change without notice
SAFETY SWITCHES | SICK
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com