Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6034026 Datasheet(PDF) 5 Page - SICK AG

Part # 6034026
Description  SAFETY LOCKING DEVICES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

6034026 Datasheet(HTML) 5 Page - SICK AG

  6034026 Datasheet HTML 1Page - SICK AG 6034026 Datasheet HTML 2Page - SICK AG 6034026 Datasheet HTML 3Page - SICK AG 6034026 Datasheet HTML 4Page - SICK AG 6034026 Datasheet HTML 5Page - SICK AG 6034026 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
i15-MP0123 Lock | i15 Lock
SAFETY LOCKING DEVICES
Switching elements
Actuator inserted
Positive action N/C locking monitoring contact
Positive action N/C door monitoring contact
UK: Locking monitoring contacts
SK: Door monitoring contacts
Switching element 12:
1 positive action N/C contact (Locking monitoring)
2 positive action N/C contacts (Door monitoring)
Switching element 13:
1 positive action N/C contact (Locking monitoring)
1 positive action N/C contact + 1 N/O contact (Door monitoring)
locked
unlocked
Actuator removed
E2
E1
SK
UK
E2
E1
SK
UK
E2
E1
SK
UK
SK
21
11
22
12
23
11
24
12
UK
11
12
11
12
SK
21
11
22
12
23
11
24
12
UK
11
12
11
12
SK
21
11
22
12
23
11
24
12
UK
SK
UK
SK
UK
SK
UK
11
12
11
12
2018-07-20 14:43:28 | Online data sheet
Subject to change without notice
SAFETY SWITCHES | SICK
5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com