Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC34363L-S08-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UC34363L-S08-R
Description  BATTERY CHARGERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC34363L-S08-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UC34363L-S08-R Datasheet HTML 1Page - Unisonic Technologies UC34363L-S08-R Datasheet HTML 2Page - Unisonic Technologies UC34363L-S08-R Datasheet HTML 3Page - Unisonic Technologies UC34363L-S08-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
UC34363
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONIC TECHNOLOGIES CO., LTD
2 of 4
www.unisonic.com.tw
QW-R103-059.b
PI N CON FI GU RAT I ON
PI N DESCRI PT I ON
PIN NO.
PIN NAME
DESCRIPTION
1
VCC
Power Supply
2
CV-
Negative Input of the Voltage Amplifier
3
ENABLE
Enable Controlled ON/OFF for IC
4
VREF
3V external Voltage Reference
5
CC+
Positive Input of Current Amplifier
6
CC-
Negative Input of Current Amplifier
7
OUTPUT
Output
8
GND
Ground
BLOCK DI AGRAM
VCC
CV-
EN
VREF
CC+
CC-
Output
GND
-
+
Compensation
COMP
+-
OCP
+-
CV
+
-
Compensation
VREF=3V
Driver
+
-
S
RQ
S
R
Q
Clock
Delay
Ramp
D1
D2
CC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com