Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC34363L-S08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UC34363L-S08-R
Description  BATTERY CHARGERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC34363L-S08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UC34363L-S08-R Datasheet HTML 1Page - Unisonic Technologies UC34363L-S08-R Datasheet HTML 2Page - Unisonic Technologies UC34363L-S08-R Datasheet HTML 3Page - Unisonic Technologies UC34363L-S08-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
UC34363
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONIC TECHNOLOGIES CO., LTD
4 of 4
www.unisonic.com.tw
QW-R103-059.b
T EST CI RCU I T
VCC
CV-
EN
VREF
CC+
CC-
Output
GND
UTC UC34363
+
-
+
-
OUT-
OUT+
VEN
2V
VIN
12V
CIN
470µ
240µH
Lo
D1
Co
470µ
Resr2 70m
Rcc2
30k
Rcc1
1k
Rs 50m
Rcc3
1k
Rcc4
30k
Rcv1
2k
Rcv2
3k
VREF
VREF
RL
5
Rbattery
70m
Cbattery
470µ
T Y PI CAL APPLI CAT I ON CI RCU I T
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com