Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC34363L-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UC34363L-S08-R
Description  BATTERY CHARGERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC34363L-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UC34363L-S08-R Datasheet HTML 1Page - Unisonic Technologies UC34363L-S08-R Datasheet HTML 2Page - Unisonic Technologies UC34363L-S08-R Datasheet HTML 3Page - Unisonic Technologies UC34363L-S08-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNI SONI C TECHNOLOGI ES CO., LTD
UC34363
Preliminary
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 4
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R103-059.b
CON ST AN T V OLT AGE AN D
CON ST AN T CU RREN T
CON T ROLLER FOR BAT T ERY
CH ARGERS
DESCRI PT I ON
The UTC UC34363 is a switch controller for constant voltage,
constant current (CV/CC) application. The device could be used
for battery charge. UTC UC34363 is used of SOP-8 packages.
Additionally
the
UTC
UC34363
intergrated
a
internal
compensation capacitor, so that the application is simplicial.
FEAT U RES
* CV/CC linear charge
* 3A maximum charge current
* PWM control Mode
* Available charge current
* Over Voltage protect ,Over Current Protect
* Enable Control function
* Very Low Power Dissipation in Standby Mode
ORDERI N G I N FORM AT I ON
Ordering Number
Package
Packing
Lead Free
Halogen Free
UC34363L-S08-R
UC34363G-S08-R
SOP-8
Tape Reel
UC34363L-S08-R
(1)Packing Type
(2)Package Type
(3)Lead Free
(1) R: Tape Reel
(2) S08: SOP-8
(3) L: Lead Free, G: Halogen Free
M ARK I N G I N FORM AT I ON
PACKAGE
MARKING
SOP-8


Similar Part No. - UC34363L-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UC34363L-S08-R UTC-UC34363L-S08-R Datasheet
172Kb / 6P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER FOR BATTERY CHARGERS
More results

Similar Description - UC34363L-S08-R

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1647 MAXIM-MAX1647 Datasheet
161Kb / 24P
Chemistry-Independent Battery Chargers
19-1158; Rev 0; 12/96
MAX1908 MAXIM-MAX1908 Datasheet
879Kb / 27P
Low-Cost Multichemistry Battery Chargers
Rev 2; 7/04
MAX1908 MAXIM-MAX1908_05 Datasheet
403Kb / 29P
Low-Cost Multichemistry Battery Chargers
Rev 4; 7/05
logo
Gamewell-FCI by Honeywe...
HPF24S6 GAMEWELL-FCI-HPF24S6 Datasheet
94Kb / 2P
Power Supplies with Battery Chargers
logo
Harris Corporation
RF-5855 HARRIS-RF-5855 Datasheet
309Kb / 2P
AC/DC Battery Chargers
logo
Maxim Integrated Produc...
MAX1908 MAXIM-MAX1908_09 Datasheet
347Kb / 30P
Low-Cost Multichemistry Battery Chargers
Rev 5; 11/09
logo
Rohm
BD5650AFVM ROHM-BD5650AFVM Datasheet
355Kb / 12P
Power Management ICs for Battery Chargers
logo
SL Power Electronics
BCM-306-150 SLPOWER-BCM-306-150 Datasheet
101Kb / 2P
BCM NiCd WIDE RANGE BATTERY CHARGERS
logo
Unisonic Technologies
UM608 UTC-UM608_15 Datasheet
221Kb / 4P
CONTROLLER FOR BATTERY CHARGERS
logo
Maxim Integrated Produc...
MAX1647 MAXIM-MAX1647_V01 Datasheet
333Kb / 25P
Chemistry-Independent Battery Chargers
2002
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com