Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UD05206L-SH2-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UD05206L-SH2-R
Description  2.0A, LOW NOISE 1.5MHz SYNCHRONOUS STEP-DOWN CONVERTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UD05206L-SH2-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UD05206L-SH2-R Datasheet HTML 1Page - Unisonic Technologies UD05206L-SH2-R Datasheet HTML 2Page - Unisonic Technologies UD05206L-SH2-R Datasheet HTML 3Page - Unisonic Technologies UD05206L-SH2-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNI SONI C TECHNOLOGI ES CO., LTD
UD05206
Advance
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 4
Copyright © 2017 Unisonic Technologies Co., Ltd
QW-R115-018.b
2 .0 A, LOW N OI SE 1 .5 M H z
SY N CH RON OU S ST EP-DOWN
CON V ERT ER
DESCRI PT I ON
The UTC UD05206 is a high-frequency, synchronous, rectified,
step-down, switch-mode converter with internal power MOSFETs.
It offers a very compact solution to achieve a 2A continuous
output current over from 2.5V to 5.5V input supply range, with
excellent load and line regulation.
The output voltage is adjustable from 0.6V to the input voltage.
During shutdown, the input is disconnected from the output and the
shutdown current is less than 1
μA. Other key features include
over-temperature and short circuit protection, and under-voltage
lockout to prevent deep battery discharge.
The UTC UD05206 at 2A maximum output current. Ultra-low
RDS(ON) integrated MOSFET and 100% duty cycle operation make
the UTC UD05206 an ideal choice for high-output voltage,
high-current applications which require a low dropout threshold.
FEATURES
HSOP-8
*
Output Current : Up to 2A
*
Output Voltage : 0.6V to VIN
*
Input Voltage : 2.5V to 5.5V
*
Low-RDS(ON) Internal Power MOSFETs
*
High-Efficiency Synchronous-Mode Operation, up to 100%
*
Shutdown Current < 1
μA
*
100% Duty Cycle Operation
*
Fixed 1.5MHz Switching Frequency
*
Current Mode Operation
*
Internal Soft-Start
*
Current Limit Protection
*
Over-temperature Protection
*
Input Under Voltage Lockout (UVLO)
ORDERI N G I N FORM AT I ON
Ordering Number
Lead Free
Halogen Free
Package
Packing
UD05206L-SH2-R
UD05206G-SH2-R
HSOP-8
Tape Reel
M ARK I N G


Similar Part No. - UD05206L-SH2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UD05201 UTC-UD05201 Datasheet
366Kb / 5P
1.2MHZ, 2A SYNCHRONOUS STEP-DOWN CONVERTER
UD052012 UTC-UD052012 Datasheet
240Kb / 9P
HIGH EFFICIENCY 1MHz 2A SYNCHRONOUS STEP DOWN CONVERTER
UD052012G-AF5-R UTC-UD052012G-AF5-R Datasheet
240Kb / 9P
HIGH EFFICIENCY 1MHz 2A SYNCHRONOUS STEP DOWN CONVERTER
UD052012G-AG6-R UTC-UD052012G-AG6-R Datasheet
240Kb / 9P
HIGH EFFICIENCY 1MHz 2A SYNCHRONOUS STEP DOWN CONVERTER
UD052012L-AF5-R UTC-UD052012L-AF5-R Datasheet
240Kb / 9P
HIGH EFFICIENCY 1MHz 2A SYNCHRONOUS STEP DOWN CONVERTER
More results

Similar Description - UD05206L-SH2-R

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP6669 EXAR-SP6669_12 Datasheet
466Kb / 11P
600mA 1.5MHz Synchronous Step Down Converter
logo
Monolithic Power System...
MP28128 MPS-MP28128 Datasheet
444Kb / 11P
2.5A, 1.5MHz Synchronous Step-Down Converter
logo
Analog Microelectronics
AME5250A AME-AME5250A Datasheet
409Kb / 22P
1A, 1.5MHz Synchronous Step-Down Converter
AME5253 AME-AME5253 Datasheet
615Kb / 18P
1A, 1.5MHz Synchronous Step-Down Converter
AME5253A AME-AME5253A Datasheet
615Kb / 18P
1A, 1.5MHz Synchronous Step-Down Converter
logo
List of Unclassifed Man...
FT440 ETC2-FT440 Datasheet
245Kb / 10P
1.5MHz, 600mA Synchronous Step-Down Converter
logo
Leshan Radio Company
LR8509 LRC-LR8509 Datasheet
468Kb / 10P
1.5MHz 600mA Synchronous Step-Down Converter
logo
First Silicon Co., Ltd
FTD6817 FS-FTD6817 Datasheet
1Mb / 16P
1.5MHz 2.0A Synchronous Step-Down Regulator
logo
Shenzhen Huazhimei Semi...
HM3420S HMSEMI-HM3420S Datasheet
859Kb / 10P
1.5MHz, 2A Synchronous Step-Down Converter
logo
List of Unclassifed Man...
SP6669EB ETC-SP6669EB Datasheet
286Kb / 6P
800mA 1.5MHz Synchronous Step-Down Converter
April 2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com