Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSUSB43 Datasheet(PDF) 5 Page - ON Semiconductor

Part # FSUSB43
Description  Low-Power, Two-Port, High-Speed, USB2.0 Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSUSB43 Datasheet(HTML) 5 Page - ON Semiconductor

  FSUSB43 Datasheet HTML 1Page - ON Semiconductor FSUSB43 Datasheet HTML 2Page - ON Semiconductor FSUSB43 Datasheet HTML 3Page - ON Semiconductor FSUSB43 Datasheet HTML 4Page - ON Semiconductor FSUSB43 Datasheet HTML 5Page - ON Semiconductor FSUSB43 Datasheet HTML 6Page - ON Semiconductor FSUSB43 Datasheet HTML 7Page - ON Semiconductor FSUSB43 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
AC Electrical Characteristics
All typical values are for VCC=3.3V at 25°C unless otherwise specified.
Symbol
Parameter
Conditions
VCC (V)
TA=- 40ºC to +85ºC
Units
Min.
Typ.
Max.
tON
Turn-On Time
SEL, /OE to Output
RL
=50Ω, CL=5pF, VSW=0.8V
Figure 5, Figure 6
2.4
24
40
ns
3.0 to 3.6
13
30
tOFF
Turn-Off Time
SEL, /OE to Output
RL
=50Ω, CL=5pF, VSW=0.8V
Figure 5, Figure 6
2.4
15
35
ns
3.0 to 3.6
12
25
tPD
Propagation Delay(5)
RL
=50Ω, CL=5 pF
Figure 5, Figure 7
3.3
0.25
ns
tBBM
Break-Before-Make
Time(5)
RL
=50Ω, CL=5pF
VSW1=VSW2=0.8V
Figure 9
2.4
2.0
10
ns
3.0 to 3.6
2.0
6.5
OIRR
Off Isolation(5)
RL
=50Ω, f=240MHz
Figure 11
3.0 to 3.6
-30
dB
Xtalk
Non-Adjacent Channel
Crosstalk(5)
RL
=50Ω, f=240MHz
Figure 12
3.0 to 3.6
-45
dB
BW
-3db Bandwidth(5)
RL
=50Ω, CL=0pF
Figure 10
3.0 to 3.6
720
MHz
RL
=50Ω, CL=5pF
Figure 10
550
MHz
Note:
5.
Guaranteed by characterization.
USB High-Speed-Related AC Electrical Characteristics
Symbol
Parameter
Conditions
VCC (V)
TA=- 40ºC to +85ºC
Units
Min.
Typ.
Max.
tSK(P)
Skew of Opposite Transitions of
the Same Output(6)
RL
=50Ω, CL=5pF
Figure 8
3.0 to 3.6
20
ps
tJ
Total Jitter(6)
RL=50
Ω, CL=5pf,
tr=tf=500ps (10-90%) at
480Mbps, (PRBS=215
– 1)
3.0 to 3.6
200
ps
Note:
6.
Guaranteed by characterization.
Capacitance
Symbol
Parameter
Conditions
TA=- 40ºC to +85ºC
Units
Min.
Typ.
Max.
CIN
Control Pin Input Capacitance(7)
VCC=0V
1.5
pF
CON
D+/D- On Capacitance(7)
VCC=3.3V, /OE=0V, f=240MHz
Figure 14
3.7
COFF
D1n, D2n Off Capacitance(7)
VCC and /OE=3.3V
Figure 13
2.0
Note:
7.
Guaranteed by characterization.
www.onsemi.com
5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com