Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSUSB43 Datasheet(PDF) 7 Page - ON Semiconductor

Part # FSUSB43
Description  Low-Power, Two-Port, High-Speed, USB2.0 Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSUSB43 Datasheet(HTML) 7 Page - ON Semiconductor

  FSUSB43 Datasheet HTML 1Page - ON Semiconductor FSUSB43 Datasheet HTML 2Page - ON Semiconductor FSUSB43 Datasheet HTML 3Page - ON Semiconductor FSUSB43 Datasheet HTML 4Page - ON Semiconductor FSUSB43 Datasheet HTML 5Page - ON Semiconductor FSUSB43 Datasheet HTML 6Page - ON Semiconductor FSUSB43 Datasheet HTML 7Page - ON Semiconductor FSUSB43 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Test Diagrams (Continued)
Vcc
0.9*Vout
Vcc/2
t
BBM
0V
VOUT
Input - V
Sel
0.9*Vout
tRISE= 2.5ns
90%
10%
CL
HSDn
RL
Dn
GND
GND
RS
VSel
V
SW1
GND
V
OUT
V
SW2
GND
--
R
L , R
S , and CL are functions of the application
environment (see AC Tables for specific values)
C
L includes test fixture and stray capacitance.
Figure 9. Break-Before-Make Interval Timing
V
OUT
GND
GND
R
T
GND
GND
V
S
R
S
Network Analyzer
VSel
GND
R
S and RT are functions of the application
environment (see AC Tables for specific values).
V
IN
R
S and RT are functions of the application
environment (see AC Tables for specific values).
VOUT
GND
GND
RT
GND
GND
VS
RS
Network Analyzer
RT
GND
VSel
GND
VIN
RT
Off isolation = 20 Log (VOUT / VIN)
Figure 10. Bandwidth
Figure 11. Channel Off Isolation
VOUT
GND
GND
RT
GND
GND
VS
RS
Network Analyzer
RT
GND
R
S and RT are functions of the application environment
(see AC Tables for specific values).
VSel
GND
NC
VIN
Crosstalk = 20 Log (VOUT / VIN)
Figure 12. Non-Adjacent Channel-to-Channel Crosstalk
VSel = 0 or Vcc
HSDn
Capacitance
Meter
S
HSDn
VSel= 0 or Vcc
HSDn
Capacitance
Meter
S
HSDn
Figure 13. Channel Off Capacitance
Figure 14. Channel On Capacitance
www.onsemi.com
7



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com