Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSUSB43 Datasheet(PDF) 6 Page - ON Semiconductor

Part # FSUSB43
Description  Low-Power, Two-Port, High-Speed, USB2.0 Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSUSB43 Datasheet(HTML) 6 Page - ON Semiconductor

  FSUSB43 Datasheet HTML 1Page - ON Semiconductor FSUSB43 Datasheet HTML 2Page - ON Semiconductor FSUSB43 Datasheet HTML 3Page - ON Semiconductor FSUSB43 Datasheet HTML 4Page - ON Semiconductor FSUSB43 Datasheet HTML 5Page - ON Semiconductor FSUSB43 Datasheet HTML 6Page - ON Semiconductor FSUSB43 Datasheet HTML 7Page - ON Semiconductor FSUSB43 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Test Diagrams
Select
HSDn
Dn
VSel= 0 orVcc
I
ON
V
ON
RON = VON / ION
GND
VSW
GND
SW
Select
VSel= 0 orVcc
NC
A
I
Dn(OFF)
VSW
GND
V
Vcc
**Each switch port is tested separately
Figure 3. On Resistance
Figure 4. Off Leakage
R
L , R
S , and CL are functions of the application
environment (see AC Tables for specific values)
C
L includes test fixture and stray capacitance.
RL
CL
HSDn
Dn
GND
GND
RS
VSel
VSW
GND
V
OUT
V
OUT
t
RISE = 2.5ns
GND
V
CC
90%
90%
10%
10%
t
FALL = 2.5ns
V
CC /2
V
CC /2
Input
– V
/OE , VSel
Output- V
OUT
90%
V
OH
VOL
t
ON
t
OFF
90%
V
– V
V
–
Figure 5. AC Test Circuit Load
Figure 6. Turn-On / Turn-Off Waveforms
t
RISE
= 500ps
- 400mV
90%
90%
10%
10%
t
FALL
= 500ps
0V
Output
t
PHL
+400mV
t
PLH
Figure 7. Propagation Delay (trtf
– 500ps)
Figure 8. Intra-Pair Skew Test tSK(P)
www.onsemi.com
6



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com