Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSUSB73 Datasheet(PDF) 6 Page - ON Semiconductor

Part # FSUSB73
Description  3:1 High-Speed USB Multiplexer and Hub Routing Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSUSB73 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button FSUSB73 Datasheet HTML 2Page - ON Semiconductor FSUSB73 Datasheet HTML 3Page - ON Semiconductor FSUSB73 Datasheet HTML 4Page - ON Semiconductor FSUSB73 Datasheet HTML 5Page - ON Semiconductor FSUSB73 Datasheet HTML 6Page - ON Semiconductor FSUSB73 Datasheet HTML 7Page - ON Semiconductor FSUSB73 Datasheet HTML 8Page - ON Semiconductor FSUSB73 Datasheet HTML 9Page - ON Semiconductor FSUSB73 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSUSB73 • Rev. 1.0.2
5
DC Electrical Characteristics
All typical values are for VCC=3.3V at TA=25°C unless otherwise specified.
Symbol
Parameter
Conditions
VCC (V)
TA=- 40ºC to +85ºC Unit
Min.
Typ.
Max.
RON
HS Switch On Resistance
(3)
VSW=0.4V, ION=-8mA, Figure 8
3.3
6.5
9.0

∆RON
HS Delta RON
(4,3)
VSW=0.4V, ION=-8mA
3.3
0.5

IIN
Control Input Leakage
All Combinations of /OE, SELS, SEL1,
SEL0 in Truth Tables (Table 1, Table 2)
(1=VCC, 0=0V)
4.4
-1
1
µA
IOZ
Off State Leakage
0
Dn, HSD0n, HSD1n, HSD2n,
HSD3n, HSD2Sn
4.4V
4.4
-1
1
µA
IOFF
Power-Off Leakage Current
(All I/O Ports)
VSW=0V to 4.4V, VCC=0V, Figure 9
0
-1
1
µA
ICCSLP
Sleep Mode Supply Current
All Disabled Conditions in Truth Tables
(Table 1, Table 2)
4.4
1
µA
ICCACT
Active Mode Supply Current
All Active Modes in Truth Tables
(Table 1, Table 2)
4.4
9
18
µA
ICCT
Increase in ICC Current per
Control Input and VCC
VCNTRL=1.8V
4.4
3.3
4.0
µA
VCNTRL=1.2V
4.4
4.9
6.0
µA
VIK
Clamp Diode Voltage
IIN=-18mA
2.5
-1.2
V
VIH
Control Input Voltage HIGH
SEL1, SEL0, /OE, SELS
2.5 to 4.4
1.0
V
VIL
Control Input Voltage LOW
SEL1, SEL0, /OE, SELS
2.5 to 4.4
0.35
V
Notes:
3.
Measured by the voltage drop between HSDn and Dn pins at the indicated current through the switch. On resistance is
determined by the lower of the voltage on the two (HSDn or Dn ports).
4.
Guaranteed by characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com